Electronic Components Datasheet Search |
|
ECX-64 Datasheet(PDF) 1 Page - ECS, Inc. |
|
ECX-64 Datasheet(HTML) 1 Page - ECS, Inc. |
1 / 2 page 23 ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM SMD CRYSTALS SMD CRYSTALS The ECX-64 delivers unmatched frequency stability with a frequency range from 12MHz to 100MHz with an operating temperature of -10˚ to +70˚C. Aging characteristics are exceptional utilizing advanced cold-sealing processes with a ceramic housing /metal cover. These specifications along with a dimensional height of only 1.1mm make this SMD crystal the perfect choice for compact wireless communication applications. FEATURES • 1.1 mm height • Wide frequency range availability • Excellent aging characteristics • High frequency fundamental capability • Ultra miniature design • Tape & Reel (1,000 pcs) • PbFree/RoHS Compliant ECX-64 1.1mm SMD QUARTZ CRYSTAL OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS PARAMETERS CONDITIONS MINIMUM TYPICAL MAXIMUM UNITS FREQUENCY RANGE 12.0 100.0 MHz CALIBRATION TOLERANCE @ +25˚C -30 +30 PPM FREQUENCY STABILITY ref. 25˚C -10~ +70˚C -50 See Table 1 +50 PPM SHUNT CAPACITANCE CO 7.0 pF LOAD CAPACITANCE CL (Customer Specified) 10.0 20.0 standard Series pF DRIVE LEVEL DL 0.1 mW OPERATING TEMPERATURE TOPR -10 +70 ˚C STORAGE TEMPERATURE TSTG -40 +85 ˚C AGING CHARACTERISTICS (FIRST YEAR) @ +25˚C -2.0 +2.0 PPM EQUIVALENT SERIES RESISTANCE / MODE OF OSCILLATION FREQUENCY RANGE (MHz) MODE OF OSC. MAX. ESR Ω FREQUENCY RANGE (MHz) MODE OF OSC MAX ESR Ω 12.000 ~ 15.999 Fundamental 80 20.000 ~ 49.999 Fundamental 40 16.000 ~ 19.999 Fundamental 60 27.000 ~ 100.000 3rd OT 100 2.0 4.4 #4 #3 #2 #1 Figure 3) Recommended Solder Pad Layout - Top view PART NUMBERING GUIDE “EXAMPLE” MANUFACTURER FREQUENCY (16.0000 MHz) LOAD CAPACITANCE* PACKAGE TYPE ECS – 160 – 20 – 23B * Load capacitance (xx=xx pF, S= series resonance) Note: See Product Selection Guide for additional options. + 30 - 30 - 10 25 60 f/f0 PPM TEMP.(˚C) Figure 4) Frequency vs Temperature Curve 6.0 ±0.2 3.0 #1 #4 #3 #2 Figure 1) ECX-64 - Top and Side views Figure 2) Land Pattern - Bottom view PACKAGE DIMENSIONS (mm) |
Similar Part No. - ECX-64_14 |
|
Similar Description - ECX-64_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |