Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQN211V Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AQN211V
Description  TYPICAL APPLICATIONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQN211V Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AQN211V Datasheet HTML 1Page - Panasonic Semiconductor AQN211V Datasheet HTML 2Page - Panasonic Semiconductor AQN211V Datasheet HTML 3Page - Panasonic Semiconductor AQN211V Datasheet HTML 4Page - Panasonic Semiconductor AQN211V Datasheet HTML 5Page - Panasonic Semiconductor AQN211V Datasheet HTML 6Page - Panasonic Semiconductor AQN211V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AQ-N
DIMENSIONS (mm inch)
ACCESSORIES
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://panasonic-electric-works.net/ac
* The right figure is the
LED indication type.
The standard type has
the same dimensions.
External dimensions
58.0
4.5
dia.
.177
dia.
47.5
43.2
22.0
20.0
27.0 max.
4.5
25.4
45.0
11.4
27.9
2.283
1.870
1.701
2-M3
2-M4
.866
.787
1.063 max.
.177
1.000
1.772
.449
1.098
Schematic
Mounting dimensions
Load power
source
1
2
4
3
Input power
source
+
_
Load
1.870
+.008
−.004
47.5
+0.2
−0.1
2-.069 dia. or M4
2-4.3 dia. or M4
CAD Data
AQP-HS-SJ20A Slim Heat Sink
AQP812
4.6
×5.6 elliptical hole
.181
×.220
.181 dia.
4.6 dia.
5-M4
(Effective screw depth: 6mm .236inch)
47.6 1.874
40
100
45
1.772
90
78
1.575
3.937
3.543
3.071
30
1.181
30
1.181
70707
“A” part
.063
1.6
6
.236
78
3.071
83
3.268
Mounting dimensions
2-.181 dia. or M4
2-4.6 dia. or M4
90
±0.2
3.543
±.008
6
.236
General tolerance:
±1.0 ±.039
Note:
When using on a DIN rail, please install so that the “A” part is on top.
CAD Data
AQP-HS-J10A Standard Heat Sink
1.5
2
2
11.1
1.5
4.4
.173
.059
.079
.079
.437
.059
3-M4
R2.2
.087
4.4
.173
90
3.543
100
3.937
47.6
1.874
30
1.181
50
1.969
33.3
1.311
54
2.126
80
3.150
100+
0.5
−1.5
+.020
−.059
3.937
45
1.772
28.5
1.122
24.5
.965
9
.354
Mounting dimensions
4-M4 or 4.4 dia.
50
±0.2
90
±0.1
4-M4 or .173 dia.
1.969
±.008
3.543
±.004
CAD Data
AQP-HS-30/40A Standard Heat Sink
90
4.4
4.4
50
54
100+
0.5
−1.5
3.937+
.020
−.059
80
33.3
47.6
56
150
24.5
1.5
2
2
11.1
1.5
28.5
45
9
R 2.2 .087
3-M4
3.543
.173
.173
1.969
2.126
3.150
1.311
1.874
2.205
5.906
.965
.059
.079
.079
.437
.059
1.122
1.772
.354
General tolerance:
±0.5 ±.020
Mounting dimensions
4-M4 or 4.4 dia.
50
±0.2
90
±0.1
4-M4 or .173 dia.
1.969
±.008
3.543
±.004
CAD Data
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.


Similar Description - AQN211V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HL1-HTM-AC240V PANASONIC-HL1-HTM-AC240V Datasheet
151Kb / 7P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1300 VECTRON-C1300_09 Datasheet
144Kb / 4P
   Typical Applications
C1310 VECTRON-C1310_07 Datasheet
217Kb / 7P
   Typical Applications
C4650 VECTRON-C4650_05 Datasheet
309Kb / 3P
   TYPICAL APPLICATIONS
logo
Panasonic Semiconductor
HG4-DC24V PANASONIC-HG4-DC24V Datasheet
2Mb / 9P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1250 VECTRON-C1250_09 Datasheet
133Kb / 4P
   Typical Applications
C2260 VECTRON-C2260_06 Datasheet
149Kb / 6P
   Typical Applications
logo
Rohm
BA3920 ROHM-BA3920 Datasheet
358Kb / 8P
   Block Diagram of Typical Applications
logo
DIYI Electronic Technol...
BT151 DYELEC-BT151 Datasheet
2Mb / 5P
   Typical applications include motor control
logo
List of Unclassifed Man...
FK-130RH ETC-FK-130RH Datasheet
31Kb / 1P
   Typical Applications / Office Automation Equipments
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com