Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQN621VL Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AQN621VL
Description  TYPICAL APPLICATIONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQN621VL Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AQN621VL Datasheet HTML 1Page - Panasonic Semiconductor AQN621VL Datasheet HTML 2Page - Panasonic Semiconductor AQN621VL Datasheet HTML 3Page - Panasonic Semiconductor AQN621VL Datasheet HTML 4Page - Panasonic Semiconductor AQN621VL Datasheet HTML 5Page - Panasonic Semiconductor AQN621VL Datasheet HTML 6Page - Panasonic Semiconductor AQN621VL Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AQ-N
2) Random type
Notes: *1. Please refer to REFERENCE DATA, “3. Input current vs. input voltage”.
*2. Please refer to REFERENCE DATA, “1. Load current vs. ambient temperature”.
*3. Please refer to REFERENCE DATA, “2. Non-repetitive surge current vs. carrying time”.
*4. When the load current is less than the rated minimum load current, please refer to “Cautions for Use of SSR”.
2. Characteristics (Measurement condition: at 20
°C 68°F, Input ripple: 1% or less)
1) Zero-cross type
2) Random type
Item
Type
10A
15A
20A
25A
40A
Remarks
Part No.
AQN121
AQN121L
AQN121V
AQN121VL
AQN221
AQN221L
AQN221V
AQN221VL
AQN321
AQN321L
AQN321V
AQN321VL
AQN421
AQN421L
AQN421V
AQN421VL
AQN621
AQN621L
AQN621V
AQN621VL
Input side
Input voltage
4 to 32V
*1
Input current
Max. 20mA
*1
Drop-out voltage
Min. 1V
Output side
Max. load current
10A
15A
20A
25A
40A
*2
Load voltage
75V to 250V
Frequency
45Hz to 65Hz
Non-repetitive surge current
100A
150A
200A
250A
400A
In one cycle at 60Hz *3
Max. “OFF-state” leakage current
Max. 10mA
at 60Hz
Max. “ON-state” voltage drop
1.6V
at Max. carrying current
Min. load current
100mA
*4
Type
10A
15A
20A
25A
40A
Remarks
Part No.
AQN111
AQN111L
AQN111V
AQN111VL
AQN211
AQN211L
AQN211V
AQN211VL
AQN311
AQN311L
AQN311V
AQN311VL
AQN411
AQN411L
AQN411V
AQN411VL
AQN611
AQN611L
AQN611V
AQN611VL
Operate time, max.
1/2 cycle of voltage sine wave + 1ms
Release time, max.
1/2 cycle of voltage sine wave + 1ms
Insulation resistance, min.
100M
Ω between input and output
at 500 V DC
Breakdown voltage
4,000 Vrms between input and output; 2,500 Vrms between input, output and case
for 1min.
Vibration resistance (Functional)
10 to 55Hz double amplitude of 1.5mm
X, Y, Z axes
Shock resistance (Functional)
Min. 980 m/s2
X, Y, Z axes
Ambient temperature
–20
°C to +80°C –4°F to +176°F*2
Non-condensing at low
temperatures
Storage temperature
–25
°C to +85°C –13°F to +185°F
Operational method
Zero-cross (Turn-ON and Turn-OFF)
Type
10A
15A
20A
25A
40A
Remarks
Part No.
AQN121
AQN121L
AQN121V
AQN121VL
AQN221
AQN221L
AQN221V
AQN221VL
AQN321
AQN321L
AQN321V
AQN321VL
AQN421
AQN421L
AQN421V
AQN421VL
AQN621
AQN621L
AQN621V
AQN621VL
Operate time, max.
1ms
Release time, max.
1/2 cycle of voltage sine wave + 1ms
Insulation resistance, min.
100M
Ω between input and output
at 500 V DC
Breakdown voltage
4,000 Vrms between input and output; 2,500 Vrms between input, output and case
for 1min.
Vibration resistance (Functional)
10 to 55Hz double amplitude of 1.5mm
X, Y, Z axes
Shock resistance (Functional)
Min. 980 m/s2
X, Y, Z axes
Ambient temperature
–20
°C to +80°C –4°F to +176°F
Non-condensing at low
temperatures
Storage temperature
–25
°C to +85°C –13°F to +185°F
Operational method
Random Turn-ON, Zero-cross Turn-OFF
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.


Similar Description - AQN621VL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HL1-HTM-AC240V PANASONIC-HL1-HTM-AC240V Datasheet
151Kb / 7P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1300 VECTRON-C1300_09 Datasheet
144Kb / 4P
   Typical Applications
C1310 VECTRON-C1310_07 Datasheet
217Kb / 7P
   Typical Applications
C4650 VECTRON-C4650_05 Datasheet
309Kb / 3P
   TYPICAL APPLICATIONS
logo
Panasonic Semiconductor
HG4-DC24V PANASONIC-HG4-DC24V Datasheet
2Mb / 9P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1250 VECTRON-C1250_09 Datasheet
133Kb / 4P
   Typical Applications
C2260 VECTRON-C2260_06 Datasheet
149Kb / 6P
   Typical Applications
logo
Rohm
BA3920 ROHM-BA3920 Datasheet
358Kb / 8P
   Block Diagram of Typical Applications
logo
DIYI Electronic Technol...
BT151 DYELEC-BT151 Datasheet
2Mb / 5P
   Typical applications include motor control
logo
List of Unclassifed Man...
FK-130RH ETC-FK-130RH Datasheet
31Kb / 1P
   Typical Applications / Office Automation Equipments
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com