Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT123S-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBT123S-7
Description  1A NPN SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT123S-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBT123S-7 Datasheet HTML 1Page - Diodes Incorporated MMBT123S-7 Datasheet HTML 2Page - Diodes Incorporated MMBT123S-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30292 Rev. 3 - 2
1 of 3
MMBT123S
MMBT123S
1A NPN SURFACE MOUNT TRANSISTOR
·
Epitaxial Planar Die Construction
·
Ideal for Medium Power Amplification and
Switching
·
High Collector Current Rating
·
Suitable as a low voltage high current driver
Characteristic
Symbol
MMBT123S
Unit
Collector-Base Voltage
VCBO
45
V
Collector-Emitter Voltage
VCEO
18
V
Emitter-Base Voltage
VEBO
5V
Collector Current - Continuous
IC
1A
Power Dissipation (Note 1)
Pd
300
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
417
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
A
E
J
L
TOP VIEW
M
B C
H
G
D
K
C
B
E
Mechanical Data
·
Case: SOT-23, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
Marking (See Page 2): K6D
·
Ordering & Date Code Information: See Page 2
·
Weight: 0.008 grams (approx.)
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
E
B
C
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm


Similar Part No. - MMBT123S-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT123S-7-F DIODES-MMBT123S-7-F Datasheet
81Kb / 3P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30292 Rev. 6 - 2
MMBT123S-7-F DIODES-MMBT123S-7-F Datasheet
114Kb / 3P
   1A NPN SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
More results

Similar Description - MMBT123S-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DNBT8105 DIODES-DNBT8105 Datasheet
185Kb / 4P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30513 Rev. 7 - 2
DNBT8105 DIODES-DNBT8105_09 Datasheet
92Kb / 4P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30513 Rev. 9 - 2
MMBT123S DIODES-MMBT123S_2 Datasheet
114Kb / 3P
   1A NPN SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
DNBT8105 DIODES-DNBT8105_11 Datasheet
90Kb / 5P
   1A NPN SURFACE MOUNT TRANSISTOR
DNBT8105 DIODES-DNBT8105_15 Datasheet
90Kb / 5P
   1A NPN SURFACE MOUNT TRANSISTOR
MMBT123S DIODES-MMBT123S_1 Datasheet
81Kb / 3P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30292 Rev. 6 - 2
DPBT8105 DIODES-DPBT8105 Datasheet
91Kb / 4P
   1A PNP SURFACE MOUNT TRANSISTOR
DS30514 Rev. 6 - 2
DPBT8105 DIODES-DPBT8105_15 Datasheet
104Kb / 5P
   1A PNP SURFACE MOUNT TRANSISTOR
DPBT8105 DIODES-DPBT8105_1 Datasheet
129Kb / 4P
   1A PNP SURFACE MOUNT TRANSISTOR
DS30514 Rev. 8 - 2
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com