Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2222A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBT2222A
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT2222A Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBT2222A Datasheet HTML 1Page - Diodes Incorporated MMBT2222A Datasheet HTML 2Page - Diodes Incorporated MMBT2222A Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30041 Rev. 5 - 2
2 of 3
MMBT2222A
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Base Breakdown Voltage
V(BR)CBO
75
¾
V
IC = 10
mA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
¾
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
6.0
¾
V
IE = 10
mA, IC = 0
Collector Cutoff Current
ICBO
¾
10
nA
mA
VCB = 60V, IE = 0
VCB = 60V, IE = 0, TA = 150
°C
Collector Cutoff Current
ICEX
¾
10
nA
VCE = 60V, VEB(OFF) = 3.0V
Emitter Cutoff Current
IEBO
¾
10
nA
VEB = 3.0V, IC = 0
Base Cutoff Current
IBL
¾
20
nA
VCE = 60V, VEB(OFF) = 3.0V
ON CHARACTERISTICS (Note 2)
DC Current Gain
hFE
35
50
75
100
40
50
35
¾
¾
¾
300
¾
¾
¾
¾
IC = 100
mA, VCE = 10V
IC = 1.0mA, VCE = 10V
IC = 10mA, VCE = 10V
IC = 150mA, VCE = 10V
IC = 500mA, VCE = 10V
IC = 10mA, VCE = 10V, TA = -55
°C
IC = 150mA, VCE = 1.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
0.3
1.0
V
IC = 150mA, IB = 15mA
IC = 500mA, IB = 50mA
Base- Emitter Saturation Voltage
VBE(SAT)
0.6
¾
1.2
2.0
V
IC = 150mA, IB = 15mA
IC = 500mA, IB = 50mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
¾
8pF
VCB = 10V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
—25
pF
VEB = 0.5V, f = 1.0MHz, IC = 0
Current Gain-Bandwidth Product
fT
300
¾
MHz
VCE = 20V, IC = 20mA,
f = 100MHz
Noise Figure
NF
¾
4.0
dB
VCE = 10V, IC = 100
mA,
RS = 1.0k
W, f = 1.0kHz
SWITCHING CHARACTERISTICS
Delay Time
td
¾
10
ns
VCC = 30V, IC = 150mA,
VBE(off) = - 0.5V, IB1 = 15mA
Rise Time
tr
¾
25
ns
Storage Time
ts
¾
225
ns
VCC = 30V, IC = 150mA,
IB1 = IB2 = 15mA
Fall Time
tf
¾
60
ns
Note:
2. Short duration test pulse used to minimize self-heating effect.
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
K1P = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
K1P
Marking Information
Device
Packaging
Shipping
MMBT2222A-7
SOT-23
3000/Tape & Reel
Ordering Information (Note 3)
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
Code
JK
L
M
N
P
R
ST
U
V
W


Similar Part No. - MMBT2222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT2222A PHILIPS-MMBT2222A Datasheet
47Kb / 8P
   NPN switching transistor
2000 Apr 11
logo
SHIKUES Electronics
MMBT2222A SKTECHNOLGY-MMBT2222A Datasheet
677Kb / 3P
   TRANSISTOR (NPN)
logo
Infineon Technologies A...
MMBT2222A INFINEON-MMBT2222A Datasheet
538Kb / 8P
   Low collector-emitter saturation voltage
2011-08-19
logo
Unisonic Technologies
MMBT2222A UTC-MMBT2222A Datasheet
118Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Bruckewell Technology L...
MMBT2222A BWTECH-MMBT2222A Datasheet
423Kb / 5P
   NPN General Purpose Amplifier
More results

Similar Description - MMBT2222A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
MMBT4124 DIODES-MMBT4124_15 Datasheet
79Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST4401 DIODES-MMST4401_15 Datasheet
141Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC817-16 DIODES-BC817-16_09 Datasheet
113Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11107 Rev. 18 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com