Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMT-YTD2 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-YTD2
Description  High Brightness Tricolor PLCC6 White Surface Mount LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-YTD2 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-YTD2 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTD2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTD2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTD2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTD2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTD2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTD2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTD2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTD2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Figure 1. Relative Intensity vs Wavelength
Figure 2. Forward Current-mA vs Forward Voltage-V
Figure 3. Relative Intensity vs Forward Current
Figure 4a. Maximum forward current vs. ambient temperature.
Derated based on TJMAX = 125°C. (3 chips)
Figure 4b. Maximum forward current vs. ambient temperature.
Derated based on TJMAX = 125°C. (single chip)
0.0
0.2
0.4
0.6
0.8
1.0
400
450
500
550
600
650
700
WAVELENGTH - nm
BLUE
0
20
40
60
80
100
012
3
45
FORWARD VOLTAGE-V
Red
Blue /
Green
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
120
DC FORWARD CURRENT-mA
Green
Red
0
10
20
30
40
50
60
0
20
40
60
80
100
120
AMBIENT TEMPERATURE (°C)
AlInGaP
InGaN
0
10
20
30
40
50
60
0
20406080
100
120
AMBIENT TEMPERATURE (°C)
AlInGaP
InGaN
GREEN
RED
Blue


Similar Part No. - ASMT-YTD2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-YTD7-0AA02 AVAGO-ASMT-YTD7-0AA02 Datasheet
1Mb / 15P
   Tricolor PLCC6 White Surface LED
logo
Broadcom Corporation.
ASMT-YTD7-0AA02 BOARDCOM-ASMT-YTD7-0AA02 Datasheet
1Mb / 15P
   Tricolor PLCC6 White Surface LED
More results

Similar Description - ASMT-YTD2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASMT-YTB2-0BB02 BOARDCOM-ASMT-YTB2-0BB02 Datasheet
868Kb / 15P
   High Brightness Tricolor PLCC6 Black Surface LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-YTB2-0BB02 AVAGO-ASMT-YTB2-0BB02 Datasheet
970Kb / 15P
   High Brightness Tricolor PLCC6 Black Surface LED
ASMT-YTD7-0AA02 AVAGO-ASMT-YTD7-0AA02 Datasheet
1Mb / 15P
   Tricolor PLCC6 White Surface LED
logo
Broadcom Corporation.
ASMT-YTD7-0AA02 BOARDCOM-ASMT-YTD7-0AA02 Datasheet
1Mb / 15P
   Tricolor PLCC6 White Surface LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-YTB7-0AA02 AVAGO-ASMT-YTB7-0AA02 Datasheet
203Kb / 10P
   Tricolor PLCC6 Black Surface Mount LED
logo
Broadcom Corporation.
ASMT-YTB7-0AA02 BOARDCOM-ASMT-YTB7-0AA02 Datasheet
203Kb / 10P
   Tricolor PLCC6 Black Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-YTB8-0BA02 AVAGO-ASMT-YTB8-0BA02 Datasheet
1Mb / 15P
   Tricolor PLCC6 Black Surface LED
ASMB-TTB2-0C3A2 AVAGO-ASMB-TTB2-0C3A2 Datasheet
1Mb / 14P
   Tall Black Surface PLCC6 Tricolor LED
ASMB-TTB0-0A3A2 AVAGO-ASMB-TTB0-0A3A2 Datasheet
1Mb / 15P
   High Brightness Tall Black Surface PLCC6 Tricoolor LED
ASMB-BTE1-0B332 AVAGO-ASMB-BTE1-0B332 Datasheet
423Kb / 13P
   High Brightness PLCC-4 Tricolor LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com