Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT4126 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBT4126
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT4126 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBT4126 Datasheet HTML 1Page - Diodes Incorporated MMBT4126 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30106 Rev. 2 - 2
1 of 2
MMBT4126
MMBT4126
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
·
Epitaxial Planar Die Construction
·
Complementary NPN Type Available
(MMBT4124)
·
Ideal for Medium Power Amplification and
Switching
Characteristic
Symbol
MMBT4126
Unit
Collector-Base Voltage
VCBO
-25
V
Collector-Emitter Voltage
VCEO
-25
V
Emitter-Base Voltage
VEBO
-4.0
V
Collector Current - Continuous (Note 1)
IC
-200
mA
Power Dissipation (Note 1)
Pd
300
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
417
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
A
E
J
L
TOP VIEW
M
B C
C
B
E
H
G
D
K
Mechanical Data
·
Case: SOT-23, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
Marking (See Page 2): K2B
·
Ordering & Date Code Information: See Page 2
·
Weight: 0.008 grams (approx.)
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm
E
B
C


Similar Part No. - MMBT4126

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT4126 TRSYS-MMBT4126 Datasheet
167Kb / 2P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Samsung semiconductor
MMBT4126 SAMSUNG-MMBT4126 Datasheet
33Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Fairchild Semiconductor
MMBT4126 FAIRCHILD-MMBT4126 Datasheet
94Kb / 2P
   PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBT4126 DIODES-MMBT4126 Datasheet
160Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30106 Rev. 7 - 2
logo
Fairchild Semiconductor
MMBT4126 FAIRCHILD-MMBT4126 Datasheet
83Kb / 6P
   PNP General Purpose Amplifier
More results

Similar Description - MMBT4126

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMSTA92 DIODES-MMSTA92_1 Datasheet
77Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
MMBT4126 DIODES-MMBT4126_15 Datasheet
118Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST3906 DIODES-MMST3906_15 Datasheet
134Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Galaxy Semi-Conductor H...
MMBT2907AT BILIN-MMBT2907AT Datasheet
161Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com