Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5231B Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MMSZ5231B
Description  Surface mount zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MMSZ5231B Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MMSZ5231B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSZ5231B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSZ5231B Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSZ5231B Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Surface mount zener diode
MMSZ5221B-MMSZ5262B
Zener Voltage Range
Test
Current
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
Vz@IZT
IZT
ZZT@IZT
ZZK@IZK=0.25mA
IR
@VR
Type
Number
Nom(V)
Min(V)
Max(V)
mA
μA
V
MMSZ5262B
51
48.45
53.55
2.5
125
1100
0.1
39
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
  http://www.luguang.cn          mail:lge@luguang.cn


Similar Part No. - MMSZ5231B

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
MMSZ5231B CHENDA-MMSZ5231B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Pan Jit International I...
MMSZ5231B PANJIT-MMSZ5231B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5231B PANJIT-MMSZ5231B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5231B DIOTEC-MMSZ5231B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Pan Jit International I...
MMSZ5231B PANJIT-MMSZ5231B Datasheet
107Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMSZ5231B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com