Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1690CT Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBR1690CT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBR1690CT Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBR1690CT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR1690CT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltge, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• In compliance with EU RoHS 2002/95/EC directives
SCHOTTKY BARRIER RECTIFIERS
MECHANICALDATA
• Case: TO-220AB molded plastic package
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
• Weight: 0.0655 ounces, 1.859 grams.
NOTES:Both Bonding and Chip structure are available.
MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
T
C
0
4
6
1
R
B
MT
C
5
4
6
1
R
B
MT
C
0
5
6
1
R
B
MT
C
0
6
6
1
R
B
MT
C
0
8
6
1
R
B
MT
C
0
9
6
1
R
B
MT
C
0
0
1
6
1
R
B
MT
C
0
5
1
6
1
R
B
MT
C
0
0
2
6
1
R
B
M
S
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V
M
R
R
0
45
40
50
60
80
90
0
10
5
10
0
2V
e
g
a
tl
o
V
S
M
R
m
u
m
i
x
a
M
V
S
M
R
8
25
.
1
35
32
46
53
60
75
0
10
4
1V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V
C
D
0
45
40
50
60
80
90
0
10
5
10
0
2V
)
1
e
r
u
g
i
F
e
e
S
(
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
I
)
V
A
(
F
6
1A
e
v
a
w
-
e
n
i
s
fl
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
ir
e
p
u
s
I
M
S
F
0
5
1A
g
e
l
r
e
p
A
0
.
8
t
a
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V
F
0
7
.
05
7
.
00
8
.
00
9
.
0V
T
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O C
T
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
J
0
0
1
=
O C
I
R
5
0
.
0
0
2
A
m
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
Te
Rθ
C
J
0
.
2
O
/
C
W
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
T
J T
,
G
T
S
0
5
1
+
o
t
5
5
-
5
7
1
+
o
t
5
6
-
O C
http://www.luguang.cn
mail:lge@luguang.cn
MBR1640CT - MBR16200CT
Dimensions in inches and (millimeters)
TO-220AB


Similar Part No. - MBR1690CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
MBR1690CT SIRECTIFIER-MBR1690CT Datasheet
101Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR1690CT PANJIT-MBR1690CT Datasheet
86Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
MBR1690CT FORMOSA-MBR1690CT Datasheet
193Kb / 2P
   REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 10.0 Amperes
logo
Kersemi Electronic Co.,...
MBR1690CT KERSEMI-MBR1690CT Datasheet
111Kb / 2P
   Maximum Average Forward Rectified Current @TC=100 C
logo
Microdiode Electronics ...
MBR1690CT CHENDA-MBR1690CT Datasheet
585Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR1690CT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com