Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5243BS Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MMSZ5243BS
Description  Surface mount zener diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MMSZ5243BS Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MMSZ5243BS Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSZ5243BS Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSZ5243BS Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface mount zener diode
MMSZ5221BS-MMSZ5262BS
ELECTRICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified
Zener Voltage Range
Test
Current
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
Vz@IZT
IZT
ZZT@IZT
ZZK@IZK=0.25mA
IR
@VR
Type Number
Nom(V)
Min(V)
Max(V)
mA
μA
V
MMSZ5221BS
2.4
2.28
2.52
20
30
1200
100
1.0
MMSZ5223BS
2.7
2.57
2.84
20
30
1300
75
1.0
MMSZ5225BS
3.0
2.85
3.15
20
30
1600
50
1.0
MMSZ5226BS
3.3
3.14
3.47
20
28
1600
25
1.0
MMSZ5227BS
3.6
3.42
3.78
20
24
1700
15
1.0
MMSZ5228BS
3.9
3.71
4.10
20
23
1900
10
1.0
MMSZ5229BS
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMSZ5230BS
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMSZ5231BS
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMSZ5232BS
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMSZ5233BS
6.0
5.70
6.30
20
7
1600
5.0
3.5
MMSZ5234BS
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMSZ5235BS
6.8
6.46
7.14
20
5
750
3.0
5.0
MMSZ5236BS
7.5
7.13
7.88
20
6
500
3.0
6.0
MMSZ5237BS
8.2
7.79
8.61
20
8
500
3.0
6.5
MMSZ5238BS
8.7
8.27
9.14
20
8
600
3.0
6.5
MMSZ5239BS
9.1
8.65
9.56
20
10
600
3.0
7.0
MMSZ5240BS
10
9.50
10.50
20
17
600
3.0
8.0
MMSZ5241BS
11
10.45
11.55
20
22
600
2.0
8.4
MMSZ5242BS
12
11.40
12.60
20
30
600
1.0
9.1
MMSZ5243BS
13
12.35
13.65
9.5
13
600
0.5
9.9
MMSZ5245BS
15
14.25
15.75
8.5
16
600
0.1
11
MMSZ5246BS
16
15.20
16.80
7.8
17
600
0.1
12
MMSZ5248BS
18
17.10
18.90
7.0
21
600
0.1
14
MMSZ5250BS
20
19.00
21.00
6.2
25
600
0.1
15
MMSZ5251BS
22
20.90
23.10
5.6
29
600
0.1
17
MMSZ5252BS
24
22.80
25.20
5.2
33
600
0.1
18
MMSZ5254BS
27
25.65
28.35
5.0
41
600
0.1
21
MMSZ5255BS
28
26.60
29.40
4.5
44
600
0.1
21
MMSZ5256BS
30
28.50
31.5
4.2
49
600
0.1
23
MMSZ5257BS
33
31.35
34.65
3.8
58
700
0.1
25
MMSZ5258BS
36
34.20
37.80
3.4
70
700
0.1
27
MMSZ5259BS
39
37.05
40.95
3.2
80
800
0.1
30
MMSZ5260BS
43
40.85
45.15
3.0
93
900
0.1
33
MMSZ5261BS
47
44.65
49.35
2.7
105
1000
0.1
36
http://www.luguang.cn
Email:lge@luguang.cn


Similar Part No. - MMSZ5243BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5243BS PANJIT-MMSZ5243BS Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Yea Shin Technology Co....
MMSZ5243BS YEASHIN-MMSZ5243BS Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
Diodes Incorporated
MMSZ5243BS DIODES-MMSZ5243BS Datasheet
61Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
logo
Microdiode Electronics ...
MMSZ5243BS CHENDA-MMSZ5243BS Datasheet
375Kb / 4P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5243BS DIODES-MMSZ5243BS Datasheet
456Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
More results

Similar Description - MMSZ5243BS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com