Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

821-IF115.0M-26B Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 821-IF115.0M-26B
Description  115.0 MHz IF SAW Filter 26.25 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

821-IF115.0M-26B Datasheet(HTML) 3 Page - Oscilent Corporation

  821-IF115.0M-26B Datasheet HTML 1Page - Oscilent Corporation 821-IF115.0M-26B Datasheet HTML 2Page - Oscilent Corporation 821-IF115.0M-26B Datasheet HTML 3Page - Oscilent Corporation 821-IF115.0M-26B Datasheet HTML 4Page - Oscilent Corporation 821-IF115.0M-26B Datasheet HTML 5Page - Oscilent Corporation 821-IF115.0M-26B Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Oscilent Part Number
821-IF115.0M-26B
January 2011 Rev A
115.0 MHz IF SAW Filter 26.25 MHz Bandwidth
Product Specification
P. 2
www.oscilent.com
Maximum Ratings
Parameters Description
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-5
-
80
Storage Temperature Range
°C
-40
-
85
Maximum DC Voltage
V
-
-
10
Maximum Input Power
dBm
-
-
10
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Notes: With Matching Network (Ref. Testing Environment Circuit as shown above).
Those impedances could be modified with different impedance values and/or structures, if necessary.
Electrical Specification
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
-
115.0
-
Insertion Loss at Fo
dB
-
24.00
25.50
Group Delay Variation (Fo±12.50MHz)
nsec
-
32
60
Absolute Delay
usec
-
2.34
2.50
Passband Ripple (Fo±12.50MHz)
dB
-
0.50
1.00
Bandwidth at -1dB
MHz
26.10
26.25
-
Bandwidth at -3dB
MHz
-
26.55
-
Bandwidth at -40dB
MHz
-
27.95
-
Bandwidth at -50dB
MHz
-
28.13
28.30
Ultimate Rejection
dB
50
52
-
Temperature coefficient
ppm/
°C
-
-72
-


Similar Part No. - 821-IF115.0M-26B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF115.0M-29A OSCILENT-821-IF115.0M-29A Datasheet
221Kb / 6P
   115.0 MHz IF SAW Filter 29.72 MHz Bandwidth
More results

Similar Description - 821-IF115.0M-26B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF115.0M-07B OSCILENT-821-IF115.0M-07B Datasheet
217Kb / 6P
   115.0 MHz IF SAW Filter 7.54 MHz Bandwidth
821-IF115.0M-15C OSCILENT-821-IF115.0M-15C Datasheet
244Kb / 6P
   115.0 MHz IF SAW Filter 15.90 MHz Bandwidth
821-IF115.0M-16A OSCILENT-821-IF115.0M-16A Datasheet
221Kb / 6P
   115.0 MHz IF SAW Filter 16.02 MHz Bandwidth
821-IF115.0M-15A OSCILENT-821-IF115.0M-15A Datasheet
211Kb / 6P
   115.0 MHz IF SAW Filter 16.20 MHz Bandwidth
821-IF115.0M-07A OSCILENT-821-IF115.0M-07A Datasheet
220Kb / 6P
   115.0 MHz IF SAW Filter 7.28 MHz Bandwidth
813-IF115.0M-16C OSCILENT-813-IF115.0M-16C Datasheet
949Kb / 6P
   115.0 MHz IF SAW Filter 16.18 MHz Bandwidth
821-SL115.0M-17A OSCILENT-821-SL115.0M-17A Datasheet
218Kb / 6P
   115.0 MHz IF SAW Filter 17.08 MHz Bandwidth
821-IF115.0M-05A OSCILENT-821-IF115.0M-05A Datasheet
187Kb / 6P
   115.0 MHz IF SAW Filter 5.30 MHz Bandwidth
813-IF115.0M-16B OSCILENT-813-IF115.0M-16B Datasheet
222Kb / 6P
   115.0 MHz IF SAW Filter 16.20 MHz Bandwidth
821-IF115.0M-29A OSCILENT-821-IF115.0M-29A Datasheet
221Kb / 6P
   115.0 MHz IF SAW Filter 29.72 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com