Electronic Components Datasheet Search |
|
AXE620124 Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
AXE620124 Datasheet(HTML) 3 Page - Panasonic Semiconductor |
3 / 10 page Panasonic Corporation Automation Controls Business Division industrial.panasonic.com/ac/e/ AXE5, 6 ACCTB7E 201303-T SPECIFICATIONS Characteristics Material and surface treatment Item Specifications Conditions Electrical characteristics Rated current 0.3A/pin contact (Max. 5 A at total pin contacts) Rated voltage 60V AC/DC Breakdown voltage 150V AC for 1 min. No short-circuiting or damage at a detection current of 1 mA when the specified voltage is applied for one minute. Insulation resistance Min. 1,000M Ω (initial) Using 250V DC megger (applied for 1 min.) Contact resistance Max. 90m Ω Based on the contact resistance measurement method specified by JIS C 5402. Mechanical characteristics Composite insertion force Max. 1.200N/pin contacts × pin contacts (initial) Composite removal force Min. 0.165N/pin contacts × pin contacts Contact holding force (Socket contact) Min. 0.20N/pin contacts Measuring the maximum force. As the contact is axially pull out. Environmental characteristics Ambient temperature –55 °C to +85°C No freezing at low temperatures. No dew condensation. Soldering heat resistance Peak temperature: 260 °C or less (on the surface of the PC board around the connector terminals) Infrared reflow soldering 300 °C within 5 sec. 350°C within 3 sec. Soldering iron Storage temperature –55 °C to +85°C (product only) –40 °C to +50°C (emboss packing) No freezing at low temperatures. No dew condensation. Thermal shock resistance (header and socket mated) 5 cycles, insulation resistance min. 100M Ω, contact resistance max. 90m Ω Conformed to MIL-STD-202F, method 107G Humidity resistance (header and socket mated) 120 hours, insulation resistance min. 100M Ω, contact resistance max. 90m Ω Bath temperature 40 ±2°C, humidity 90 to 95% R.H. Saltwater spray resistance (header and socket mated) 24 hours, insulation resistance min. 100M Ω, contact resistance max. 90m Ω Bath temperature 35 ±2°C, saltwater concentration 5 ±1% H2S resistance (header and socket mated) 48 hours, contact resistance max. 90m Ω Bath temperature 40 ±2°C, gas concentration 3±1 ppm, humidity 75 to 80% R.H. Lifetime characteristics Insertion and removal life 30 times Repeated insertion and removal speed of max. 200 times/ hours Unit weight 20 pin contact type: Socket: 0.02 g Header: 0.01 g Part name Material Surface treatment Molded portion LCP resin (UL94V-0) — Contact and Post Copper alloy Contact portion: Base: Ni plating Surface: Au plating Terminal portion: Base: Ni plating Surface: Au plating (except the terminal tips) The socket terminals close to the portion to be soldered have nickel barriers (exposed nickel portions). Soldering terminals: Sockets: Base: Ni plating Surface: Pd+Au flash plating (except the terminal tips) Headers: Base: Ni plating Surface: Au plating (except the terminal tips) Order Temperature ( °C) Time (minutes) 1 2 3 4 –55 85 –55 0 −3 30 Max. 5 30 Max. 5 +3 0 0 −3 |
Similar Part No. - AXE620124 |
|
Similar Description - AXE620124 |