Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXE664124 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AXE664124
Description  Narrow pitch connectors (0.4mm pitch)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXE664124 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AXE664124 Datasheet HTML 1Page - Panasonic Semiconductor AXE664124 Datasheet HTML 2Page - Panasonic Semiconductor AXE664124 Datasheet HTML 3Page - Panasonic Semiconductor AXE664124 Datasheet HTML 4Page - Panasonic Semiconductor AXE664124 Datasheet HTML 5Page - Panasonic Semiconductor AXE664124 Datasheet HTML 6Page - Panasonic Semiconductor AXE664124 Datasheet HTML 7Page - Panasonic Semiconductor AXE664124 Datasheet HTML 8Page - Panasonic Semiconductor AXE664124 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXE5, 6
ACCTB7E 201303-T
PRODUCT TYPES
Notes: 1. Order unit:
For volume production: 1-inner carton (1-reel) units
Samples for mounting check: 50-connector units. Please contact our sales office.
Samples: Small lot orders are possible. Please contact our sales office.
2. Please contact us for connectors having a number of pins other than those listed above.
Mated height
Number of pins
Part number
Packing
Socket
Header
Inner carton (1-reel)
Outer carton
0.8mm
10
AXE510124
AXE610124
5,000 pieces
10,000 pieces
12
AXE512124
AXE612124
14
AXE514124
AXE614124
16
AXE516124
AXE616124
18
AXE518124
AXE618124
20
AXE520124
AXE620124
22
AXE522124
AXE622124
24
AXE524124
AXE624124
26
AXE526124
AXE626124
28
AXE528124
AXE628124
30
AXE530124
AXE630124
32
AXE532124
AXE632124
34
AXE534124
AXE634124
36
AXE536124
AXE636124
40
AXE540124
AXE640124
44
AXE544124
AXE644124
50
AXE550124
AXE650124
54
AXE554124
AXE654124
60
AXE560124
AXE660124
64
AXE564124
AXE664124
70
AXE570124
AXE670124
80
AXE580124
AXE680124
1.0mm
10
AXE510124
AXE610224
12
AXE512124
AXE612224
14
AXE514124
AXE614224
20
AXE520124
AXE620224
24
AXE524124
AXE624224
26
AXE526124
AXE626224
30
AXE530124
AXE630224
32
AXE532124
AXE632224
40
AXE540124
AXE640224
44
AXE544124
AXE644224
50
AXE550124
AXE650224
54
AXE554124
AXE654224
60
AXE560124
AXE660224
70
AXE570124
AXE670224
80
AXE580124
AXE680224


Similar Part No. - AXE664124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE664124 PANASONIC-AXE664124 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXE664124D PANASONIC-AXE664124D Datasheet
622Kb / 13P
   Narrow pitch connectors
More results

Similar Description - AXE664124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com