Electronic Components Datasheet Search |
|
AT497 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers |
|
AT497 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 34 page Accessories & Hardware www.nkk.com Y9 Y AT401A/H/S Splashproof Boot Assembly Hex Nut Material & Finish: Nickel plated brass O-ring Material: Nitrile butadiene rubber Series: M P S WT AT401P O-ring Nitrile butadiene rubber Color: A Series: M MB20 TL WB WT AT402 Splashproof Boot Silicon rubber for A C E F Ethylene propylene rubber for H Colors: A C E F H Series: M P S AT402S Splashproof Boot Silicon rubber Color: A Series: M AT405 Solid Color Rocker Polycarbonate Colors: A B C D E F G Series: MLW (18.0) Dia .709 (10.4) .409 (14.4) .567 (18.4) .724 M12 P1 (8.0) Dia .315 (10.5) .413 (15.6) .614 (12.6) .496 (16.0) .630 (13.5) .531 (1.5) .059 (12.1) Dia .476 (17.5) Dia .689 (8.0) Dia .315 M12 P1 (18.0) Dia .709 (15.3) .602 (19.3) .760 (23.3) .917 Color Codes: A Black B White C Red D Amber E Yellow F Green G Blue H Gray J Clear AT400s Switch Installation Instructions 1. Install switch bushing into mounting hole of panel from the back and adjust bushing to protrude 3.5 ~ 5.5mm (.138 ~ .217”) above panel. 2. Install boot over bushing and tighten with hex nut. Non-Splashproof Switches M, P or S Toggles with 12mm Bushings Splashproof Switches S1AW ~ S29AW S Toggles WT Toggles or M Toggle with B3 Bushing Use boot, nut and o-ring as shown. Use lockwasher and hexagon nut (from standard switch hardware) behind panel. Use boot, nut and o-ring as shown. Use o-ring only (from standard switch hardware) behind panel. For 12mm Bushings in M, P, S and WT Toggles AT401A for Oil Resistance Boot Material: Black nitrile butadiene rubber AT401H for Dust & Ozone Resistance Boot Material: Gray ethylene propylene rubber AT401S for Flexibility, Resilience, and Tensile Strength over Wide Temperature Range Boot Material: Black silicone rubber Boot Assembly Instructions 1. After mounting boot AT401 over toggle, press into place. 2. Be sure boot is pressed evenly and firmly down at or below height A as shown. (10.0) .394 (16.0) Dia .630 (17.0) Dia .669 (14.0) Dia .157 (1.5) .059 (12.1) Dia .476 (17.5) Dia .689 Press Boot Down Firmly Around Toggle A (3.5 ~ 5.5) .138 ~ .217 Boot Hex Nut O-ring Panel Panel Thickness Range (3.5 ~ 5.5) .138 ~ .217 Boot Hex Nut O-ring Panel Panel Thickness Range (3.5 ~ 5.5) .138 ~ .217 Boot Hex Nut O-ring Panel Panel Thickness Range (17.0) .669 (4.7) .185 M12 P1 |
Similar Part No. - AT497 |
|
Similar Description - AT497 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |