Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXE660224 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AXE660224
Description  Narrow pitch connectors (0.4mm pitch)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXE660224 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AXE660224 Datasheet HTML 1Page - Panasonic Semiconductor AXE660224 Datasheet HTML 2Page - Panasonic Semiconductor AXE660224 Datasheet HTML 3Page - Panasonic Semiconductor AXE660224 Datasheet HTML 4Page - Panasonic Semiconductor AXE660224 Datasheet HTML 5Page - Panasonic Semiconductor AXE660224 Datasheet HTML 6Page - Panasonic Semiconductor AXE660224 Datasheet HTML 7Page - Panasonic Semiconductor AXE660224 Datasheet HTML 8Page - Panasonic Semiconductor AXE660224 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXE5, 6
ACCTB7E 201303-T
DIMENSIONS (Unit: mm)
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
Socket (Mated height: 0.8 mm/1.0 mm)
0.08
(Contact and
soldering terminals)
Terminal coplanarity
Y note
0.15
±0.03
A
B
±0.1
0.40
±0.05
Z note
0.30
±0.03
C
±0.1
0.77
(0.90)
General tolerance:
±0.2
Note: Since the soldering terminals has a single-piece construction,
sections Y and Z are electrically connected.
Dimension table (mm)
Number of pins/
dimension
A
B
C
10
4.50
1.60
3.40
12
4.90
2.00
3.80
14
5.30
2.40
4.20
16
5.70
2.80
4.60
18
6.10
3.20
5.00
20
6.50
3.60
5.40
22
6.90
4.00
5.80
24
7.30
4.40
6.20
26
7.70
4.80
6.60
28
8.10
5.20
7.00
30
8.50
5.60
7.40
32
8.90
6.00
7.80
34
9.30
6.40
8.20
36
9.70
6.80
8.60
40
10.50
7.60
9.40
44
11.30
8.40
10.20
50
12.50
9.60
11.40
54
13.30
10.40
12.20
60
14.50
11.60
13.40
64
15.30
12.40
14.20
70
16.50
13.60
15.40
80
18.50
15.60
17.40
CAD Data
Header (Mated height: 0.8 mm)
0.08
(Post and
soldering terminals)
Terminal coplanarity
0.15
±0.03
B
±0.1
0.40
±0.05
Soldering terminals
0.15
±0.03
C
±0.1
A
0.65
General tolerance:
±0.2
Dimension table (mm)
Number of pins/
dimension
A
B
C
10
3.80
1.60
3.20
12
4.20
2.00
3.60
14
4.60
2.40
4.00
16
5.00
2.80
4.40
18
5.40
3.20
4.80
20
5.80
3.60
5.20
22
6.20
4.00
5.60
24
6.60
4.40
6.00
26
7.00
4.80
6.40
28
7.40
5.20
6.80
30
7.80
5.60
7.20
32
8.20
6.00
7.60
34
8.60
6.40
8.00
36
9.00
6.80
8.40
40
9.80
7.60
9.20
44
10.60
8.40
10.00
50
11.80
9.60
11.20
54
12.60
10.40
12.00
60
13.80
11.60
13.20
64
14.60
12.40
14.00
70
15.80
13.60
15.20
80
17.80
15.60
17.20
CAD Data


Similar Part No. - AXE660224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE660224 PANASONIC-AXE660224 Datasheet
622Kb / 13P
   Narrow pitch connectors
More results

Similar Description - AXE660224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com