Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

821-IF160.0M-16A Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 821-IF160.0M-16A
Description  160.0 MHz IF SAW Filter 16.25 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

821-IF160.0M-16A Datasheet(HTML) 1 Page - Oscilent Corporation

  821-IF160.0M-16A Datasheet HTML 1Page - Oscilent Corporation 821-IF160.0M-16A Datasheet HTML 2Page - Oscilent Corporation 821-IF160.0M-16A Datasheet HTML 3Page - Oscilent Corporation 821-IF160.0M-16A Datasheet HTML 4Page - Oscilent Corporation 821-IF160.0M-16A Datasheet HTML 5Page - Oscilent Corporation 821-IF160.0M-16A Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Oscilent Corporation
PRODUCT SPECIFICATION
Oscilent Corporation
Telephone: 1.949.252.0522
Fax: 1.949.252.0522
Email: sales@oscilent.com
Product Specification
www.oscilent.com
REV A January 2011
Oscilent Controlled Document
Ordering Code / Part Number
Product Description
821-IF160.0M-16A
160.0 MHz IF SAW Filter 16.25 MHz Bandwidth
Specification Contents
o
Mechanical Dimensions
o
Test Circuit
o
Maximum Ratings
o
Electrical Specification
o
Frequency Response
o
Smith Chart
o
VSWR
Notes
o
Electrostatic Sensitive Device (ESD)
o
Avoid excessive ultrasonic exposure
o
Solderability compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature
o
This product complies with EU directive 2002/95/EC (RoHS compliance)


Similar Part No. - 821-IF160.0M-16A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF160.0M-15A OSCILENT-821-IF160.0M-15A Datasheet
221Kb / 6P
   160.0 MHz IF SAW Filter 16.02 MHz Bandwidth
More results

Similar Description - 821-IF160.0M-16A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA16016AD1 TRANSKO-TA16016AD1 Datasheet
565Kb / 4P
   160.0 MHz IF SAW Filter / 16.25 MHz Bandwidth
Revision 0: 7. May 2009
logo
Oscilent Corporation
821-IF145.0M-16A OSCILENT-821-IF145.0M-16A Datasheet
236Kb / 6P
   145.0 MHz IF SAW Filter 16.25 MHz Bandwidth
logo
Transko Electronics, In...
TA14516AD1 TRANSKO-TA14516AD1 Datasheet
596Kb / 4P
   145.0 MHz IF SAW Filter / 16.25 MHz Bandwidth
Revision 0: 09. Feb. 2009
TA160FD TRANSKO-TA160FD Datasheet
407Kb / 3P
   160.0 MHz IF SAW Filter / 1.26 MHz Bandwidth
Revision 1: 29. Oct. 2007
TA16015AD1 TRANSKO-TA16015AD1 Datasheet
568Kb / 4P
   160.0 MHz IF SAW Filter / 16.02 MHz Bandwidth
Revision 0: 17. DEC. 2009
logo
Oscilent Corporation
813-IF160.0M-04A OSCILENT-813-IF160.0M-04A Datasheet
216Kb / 6P
   160.0 MHz IF SAW Filter 4.54 MHz Bandwidth
821-IF160.0M-26A OSCILENT-821-IF160.0M-26A Datasheet
215Kb / 6P
   160.0 MHz IF SAW Filter 26.25 MHz Bandwidth
logo
Transko Electronics, In...
TA16026AD1 TRANSKO-TA16026AD1 Datasheet
566Kb / 4P
   160.0 MHz IF SAW Filter / 26.25 MHz Bandwidth
Revision 0: 07. May 2009
logo
Oscilent Corporation
813-IF160.0M-16B OSCILENT-813-IF160.0M-16B Datasheet
224Kb / 6P
   160.0 MHz IF SAW Filter 16.28 MHz Bandwidth
813-IF160.0M-16C OSCILENT-813-IF160.0M-16C Datasheet
899Kb / 6P
   160.0 MHz IF SAW Filter 16.26 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com