Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBT89702 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBT89702
Description  897.5MHz SAW Filter 24MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT89702 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBT89702 Datasheet HTML 1Page - SIPAT Co,Ltd LBT89702 Datasheet HTML 2Page - SIPAT Co,Ltd LBT89702 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBT89702
Rev. Date
2011-03-15
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
897.5MHz SAW Filter
24MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT89702
Typical Performance
Frequency Response
Passband Response
750
800
850
900
950
1000
-90.8858
-80.8858
-70.8858
-60.8858
-50.8858
-40.8858
-30.8858
-20.8858
-10.8858
-0.8858
9.1142
Type Performance
Frequency(MHz)
850
860
870
880
890
900
910
920
930
940
-3.3858
-2.8858
-2.3858
-1.8858
-1.3858
-0.8858
-0.3858
0.1142
0.6142
Type Performance
Frequency(MHz)
Horizontal: 50MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(885.5~909.5MHz)
Phase Linearity(885.5~909.5MHz)
870
880
890
900
910
920
-30
-20
-10
0
10
20
30
40
50
X: 885.5
Y: 17.11
Type Performance
Frequency(MHz)
X: 909.5
Y: 17.8
880
885
890
895
900
905
910
915
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
X: 885.5
Y: 2.159
Type Performance
Frequency(MHz)
X: 909.5
Y: -3.428
Horizontal: 10MHz/Div
Vertical: 10ns/Div
Horizontal: 5MHz/Div
Vertical: 5deg/Div
VSWR11(885.5~909.5MHz)
VSWR22(885.5~909.5MHz)
850
860
870
880
890
900
910
920
930
940
0.5
1
1.5
2
2.5
3
X: 885.5
Y: 1.184
Type Performance (VSWR1)
Frequency(MHz)
X: 909.5
Y: 1.123
850
860
870
880
890
900
910
920
930
940
0.5
1
1.5
2
2.5
3
X: 885.5
Y: 1.171
Type Performance (VSWR2)
Frequency(MHz)
X: 909.5
Y: 1.115


Similar Part No. - LBT89702

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT89702 SIPAT-LBT89702 Datasheet
173Kb / 3P
   897.5MHz SAW Filter 24MHz Bandwidth
More results

Similar Description - LBT89702

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT89806 SIPAT-LBT89806 Datasheet
170Kb / 3P
   897.5MHz SAW Filter 24MHz Bandwidth
LBT89702 SIPAT-LBT89702 Datasheet
173Kb / 3P
   897.5MHz SAW Filter 24MHz Bandwidth
LBT89806 SIPAT-LBT89806 Datasheet
170Kb / 3P
   897.5MHz SAW Filter 24MHz Bandwidth
LBT89807 SIPAT-LBT89807 Datasheet
313Kb / 3P
   897.5MHz SAW Filter 35MHz Bandwidth
LBT89803 SIPAT-LBT89803 Datasheet
175Kb / 3P
   897.5MHz SAW Filter 35MHz Bandwidth
LBT89805 SIPAT-LBT89805 Datasheet
179Kb / 3P
   897.5MHz SAW Filter 35MHz Bandwidth
LBT89803 SIPAT-LBT89803 Datasheet
175Kb / 3P
   897.5MHz SAW Filter 35MHz Bandwidth
LBT89805 SIPAT-LBT89805 Datasheet
179Kb / 3P
   897.5MHz SAW Filter 35MHz Bandwidth
LBN07707 SIPAT-LBN07707 Datasheet
152Kb / 3P
   76.8MHz SAW Filter 24MHz Bandwidth
LBN10708 SIPAT-LBN10708 Datasheet
150Kb / 3P
   107MHz SAW Filter 24MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com