Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBT89803 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT89803
Description  897.5MHz SAW Filter 35MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT89803 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT89803 Datasheet HTML 1Page - SIPAT Co,Ltd LBT89803 Datasheet HTML 2Page - SIPAT Co,Ltd LBT89803 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBT89803
Rev. Date
2011-05-11
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
897.5MHz SAW Filter
35MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT89803
Features
For RF SAW filter
Single-ended operation
Ceramic Surface Mount Package
Small size
No matching required for operation at 50Ω
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
897.5
-
Insertion Loss(880915MHz)
dB
-
1.5
2.5
VSWR(880915MHz)
-
-
1.8
2
Passband Variation(880915MHz)
dB
-
0.5
1.3
DC860MHz
dB
17
19
-
925935MHz
dB
4
18
-
935960MHz
dB
20
23
-
Ultimate Rejection
9603660MHz
dB
20
20
-
Material Temperature coefficient
KHz/°C
-28.7
Substrate Material
-
42LT
Ambient Temperature
°C
25
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD3.0*3.0
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBT89803

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT89803 SIPAT-LBT89803 Datasheet
175Kb / 3P
   897.5MHz SAW Filter 35MHz Bandwidth
More results

Similar Description - LBT89803

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT89807 SIPAT-LBT89807 Datasheet
313Kb / 3P
   897.5MHz SAW Filter 35MHz Bandwidth
LBT89803 SIPAT-LBT89803 Datasheet
175Kb / 3P
   897.5MHz SAW Filter 35MHz Bandwidth
LBT89805 SIPAT-LBT89805 Datasheet
179Kb / 3P
   897.5MHz SAW Filter 35MHz Bandwidth
LBT89805 SIPAT-LBT89805 Datasheet
179Kb / 3P
   897.5MHz SAW Filter 35MHz Bandwidth
LBT89806 SIPAT-LBT89806 Datasheet
170Kb / 3P
   897.5MHz SAW Filter 24MHz Bandwidth
LBT89702 SIPAT-LBT89702 Datasheet
173Kb / 3P
   897.5MHz SAW Filter 24MHz Bandwidth
LBT89702 SIPAT-LBT89702 Datasheet
173Kb / 3P
   897.5MHz SAW Filter 24MHz Bandwidth
LBT89806 SIPAT-LBT89806 Datasheet
170Kb / 3P
   897.5MHz SAW Filter 24MHz Bandwidth
LBN140A56 SIPAT-LBN140A56 Datasheet
143Kb / 3P
   140MHz SAW Filter 35MHz Bandwidth
LB267DS01 SIPAT-LB267DS01 Datasheet
148Kb / 3P
   267.5MHz SAW Filter 35MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com