Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4111 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LL4111
Description  Fast Switching Surface Mount Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LL4111 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LL4111 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LL4111 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LL4620~LL4125
Nominal
Zener
Voltage
VZ @ IZT
1)
Test
Current
IZT
Maximum
Zener
Impedance
ZZT @ IZT
2)
Maximum
Leakage
Current
IR @ VR
Maximum
Noise Density
Impedance
ND @ IZT
2)
Maximum
Zener
Current
IZM
3)
Maximum
Temp Coeff.
of Zener
Voltage αvz
Type No.
V
μA
μA
V
μV√Hz
mA
%/℃
LL4620
3.3
250
1650
7.5
1.5
1
85
-0.075
LL4621
3.6
250
1700
7.5
2
1
83
-0.065
LL4622
3.9
250
1650
5.0
2
1
80
-0.060
LL4623
4.3
250
1600
4.0
2
1
77
-0.050
LL4624
4.7
250
1550
10.0
3
1
75
-0.05~0.02
LL4625
5.1
250
1500
10.0
3
2
70
-0.045~0.03
LL4626
5.6
250
1400
10.0
4
4
65
-0.02~0.04
LL4627
6.2
250
1200
10.0
5
5
61
-0.01~0.05
LL4099
6.8
250
200
10.0
5.17
40
56
0.06
LL4100
7.5
250
200
10.0
5.70
40
51
0.065
LL4101
8.2
250
200
1.0
6.24
40
46
0.070
LL4102
8.7
250
200
1.0
6.61
40
44
0.075
LL4103
9.1
250
200
1.0
6.92
40
42
0.080
LL4104
10
250
200
1.0
7.60
40
38
0.080
LL4105
11
250
200
0.05
8.44
40
35
0.080
LL4106
12
250
200
0.05
9.12
40
32
0.080
LL4107
13
250
200
0.05
9.87
40
29
0.080
LL4108
14
250
200
0.05
10.65
40
27
0.085
LL4109
15
250
100
0.05
11.40
40
25
0.085
LL4110
16
250
100
0.05
12.15
40
24
0.085
LL4111
17
250
100
0.05
12.92
40
22
0.090
LL4112
18
250
100
0.05
13.67
40
21
0.090
LL4113
19
250
150
0.05
14.44
40
20
0.090
LL4114
20
250
150
0.01
15.20
40
19
0.090
LL4115
22
250
150
0.01
16.72
40
17
0.090
LL4116
24
250
150
0.01
18.25
40
16
0.090
LL4117
25
250
150
0.01
19.00
40
15
0.090
LL4118
27
250
150
0.01
20.45
40
14
0.090
LL4119
28
250
200
0.01
21.28
40
14
0.095
LL4120
30
250
200
0.01
22.80
40
13
0.095
LL4121
33
250
200
0.01
25.08
40
12
0.095
LL4122
36
250
200
0.01
27.38
40
11
0.095
LL4123
39
250
200
0.01
29.65
40
9.8
0.095
LL4124
43
250
250
0.01
32.65
40
8.9
0.095
LL4125
47
250
250
0.01
35.75
40
8.1
0.095
1)
The type numbers shown above have a standard tolerance of ±5% on the nominal Zener voltage. Also available in 2% and 1%
tolerance, suffix C and D respectively. Vz is measured with the diode in thermal equilibrium in 25
still air.
2)
Zener impedance is derived by superimposing on IZT, a 60Hz rms a.c. current equal to 10% of IZT (25uA a.c.)
3)
Based upon 400 mW maximum power dissipation at 75℃ lead temperature, allowance has been made for the higher voltage
associated with operation at higher currents.
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - LL4111

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
logo
GOOD-ARK Electronics
LL41 GOOD-ARK-LL41 Datasheet
60Kb / 1P
   Small-Signal Diode
logo
Vishay Siliconix
LL41 VISHAY-LL41 Datasheet
142Kb / 5P
   Small Signal Schottky Diode
Rev. 1.5, 21-Jul-06
LL41 VISHAY-LL41 Datasheet
92Kb / 4P
   Small Signal Schottky Diode
01-Jan-2022
logo
SynSemi, Inc.
LL41 SYNSEMI-LL41 Datasheet
28Kb / 1P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - LL4111

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com