Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23061-A1003-A302 Datasheet(PDF) 3 Page - Tyco Electronics

Part # V23061-A1003-A302
Description  Miniature Power PCB Relay MSR V23061
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23061-A1003-A302 Datasheet(HTML) 3 Page - Tyco Electronics

  V23061-A1003-A302 Datasheet HTML 1Page - Tyco Electronics V23061-A1003-A302 Datasheet HTML 2Page - Tyco Electronics V23061-A1003-A302 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
05-2013, Rev. 0513
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Miniature Power PCB Relay MSR V23061 (Continued)
Product code structure
Typical product code
V23061
-A
1
007
-A
3
02
Type
V23061 Miniature Power PCB Relay MSR
Version
A 1 form A contact (1 NO), UL-class A
B 1 form C contact (1 CO), UL-class A
C 1 form A contact (1 NO), UL-class F
D 1 form C contact (1 CO), UL-class F
Version
1
Wash tight
2
Flux proof
Coil
Coil code: please refer to coil versions table
Contact system
A Standard
Contact material
3
AgSnO
2
8
AgNi 90/10
Contact configuration
01 1 form C (CO) contact
02 1 form A (NO) contact
Other types on request
Product code
Version
Contacts
Contact material
Coil
Part number
V23061-A1002-A302
Wash tight
1 form A
AgSnO
2
5VDC
1393222-4
V23061-A1003-A302
1 NO contact
6VDC
1393222-9
V23061-A1005-A302
12VDC
2-1393222-0
V23061-A1007-A302
24VDC
3-1393222-9
V23061-B1002-A301
1 form C
5VDC
7-1393222-2
V23061-B1005-A301
1 CO contact
12VDC
9-1393222-1
V23061-B1007-A301
24VDC
1-1393223-7
V23061-B1009-A301
48VDC
3-1393223-7
V23061-C2001-A802
Flux proof
1 form A
AgNi90/10
3VDC
5-1416200-3
V23061-C2002-A802
1 NO contact
5VDC
5-1416200-4
V23061-C2003-A802
6VDC
5-1416200-5
V23061-C2004-A802
9VDC
5-1416200-6
V23061-C2005-A802
12VDC
5-1416200-0
V23061-C2007-A802
24VDC
5-1416200-8
V23061-C2009-A802
48VDC
6-1416200-0
V23061-C2010-A802
60VDC
6-1416200-1
V23061-D2001-A801
1 form C
3VDC
6-1416200-2
V23061-D2002-A801
1 CO contact
5VDC
6-1416200-3
V23061-D2003-A801
6VDC
6-1416200-4
V23061-D2004-A801
9VDC
6-1416200-5
V23061-D2005-A801
12VDC
6-1416200-6
V23061-D2007-A801
24VDC
6-1416200-7
V23061-D2009-A801
48VDC
6-1416200-9
V23061-D2010-A801
60VDC
7-1416200-0


Similar Part No. - V23061-A1003-A302

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23061-A1003-A302 MACOM-V23061-A1003-A302 Datasheet
205Kb / 3P
   Miniature Power PCB Relay
V23061-A1003-A302 MACOM-V23061-A1003-A302 Datasheet
174Kb / 3P
   High inrush currents with AgSnO contacts
logo
TE Connectivity Ltd
V23061-A1003-A302 TEC-V23061-A1003-A302 Datasheet
255Kb / 3P
   1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
More results

Similar Description - V23061-A1003-A302

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MSR MACOM-MSR_06 Datasheet
63Kb / 1P
   Miniature Power PCB Relay MSR / V23061
2-1393223-5 MACOM-2-1393223-5 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
V23061A1004A302 MACOM-V23061A1004A302 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
2-1393223-1 MACOM-2-1393223-1 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
2-1393222-0 MACOM-2-1393222-0 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
V23061A1002A302 MACOM-V23061A1002A302 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
2-1393223-6 MACOM-2-1393223-6 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
2-1393222-7 MACOM-2-1393222-7 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
2-1393222-3 MACOM-2-1393222-3 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com