Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS61089B Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # TS61089B
Description  Dual Programmable Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

TS61089B Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  TS61089B Datasheet HTML 1Page - Bruckewell Technology LTD TS61089B Datasheet HTML 2Page - Bruckewell Technology LTD TS61089B Datasheet HTML 3Page - Bruckewell Technology LTD TS61089B Datasheet HTML 4Page - Bruckewell Technology LTD TS61089B Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS61089
Dual Programmable Transient Voltage Suppressor
Revision:B
Features
Dual line programmable transient voltage
suppressor
Wide negative firing voltage range:
VMGL = -75V (S61089)
VMGL = -100V (S61089A)
VMGL = -155V (S61089B)
Low dynamic switching voltages: VFP and
VDGL
Low gate triggering current: IGT = 5 mA max
Peak pulse current: IPP = 30 A (10/1000
s)
 
Holding current: IH > 150 mA
General Description
This device has been especially designed to
protect 2 new high voltage, as well as classical
SLICs, against transient overvoltages.
Positive overvoltages are clamped by 2 diodes.
Negative surges are suppressed by 2 thyristors, their
breakdown voltage being referenced to –VBAT
through the gate.
This component presents a very low gate
triggering current (IGT) in order to reduce the current
consumption on printed circuit board during the firing
phase.
Benefits
This devices are not subject to ageing and
provide a fail safe mode in short circuit for a better
protection. Trisils are used to help equipment to meet
various standards such as UL1950, IEC950 / CSA
C22.2, UL1459 and FCC part68.
Marking
TYPE
MARKING
T
S61089
SE69
T
S61089A
SE69A
T
S61089B
SE69B
SOP-8


Similar Part No. - TS61089B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
   Full-bridge FET Driver
TS61001 ETC2-TS61001 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS61001 SEMTECH-TS61001 Datasheet
475Kb / 10P
   Full-bridge FET Driver
More results

Similar Description - TS61089B

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
S61089 SOCAY-S61089 Datasheet
306Kb / 3P
   Dual Programmable Transient Voltage Suppressor(TVS)
logo
Shanghai Leiditech Elec...
LM61089H LEIDITECH-LM61089H Datasheet
659Kb / 6P
   Dual programmable transient suppressor.
LMOS61089B-17 LEIDITECH-LMOS61089B-17 Datasheet
834Kb / 6P
   Dual programmable transient suppressor
LM61089B LEIDITECH-LM61089B Datasheet
837Kb / 6P
   Dual programmable transient suppressor
LM61089L LEIDITECH-LM61089L Datasheet
695Kb / 6P
   Dual programmable transient suppressor.
61089B LEIDITECH-61089B Datasheet
840Kb / 6P
   Dual programmable transient suppressor
LMOS61089-17 LEIDITECH-LMOS61089-17 Datasheet
837Kb / 6P
   Dual programmable transient suppressor
logo
STMicroelectronics
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
   Dual line programmable transient voltage suppressor for SLIC protection
LCDP1521S STMICROELECTRONICS-LCDP1521S Datasheet
607Kb / 13P
   Dual line programmable transient voltage suppressor for SLIC protection
February 2017 Rev 7
LCDP1511D STMICROELECTRONICS-LCDP1511D Datasheet
56Kb / 6P
   DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com