Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOTY12D Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # SOTY12D
Description  Ultra Low forward voltage TVS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SOTY12D Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  SOTY12D Datasheet HTML 1Page - Bruckewell Technology LTD SOTY12D Datasheet HTML 2Page - Bruckewell Technology LTD SOTY12D Datasheet HTML 3Page - Bruckewell Technology LTD SOTY12D Datasheet HTML 4Page - Bruckewell Technology LTD SOTY12D Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bruckewell Technology Corp., Ltd.
Ultra Low forward voltage TVS
FEATURES
The device is designed specifically for miniaturized electronic devices and
equipment subject to ESD transient over-voltages.
Integration of a TVS (Transient Voltage Suppressor) with
a low forward voltage Schottky diode in a device
• It offers both an overshoot protection in the 13.2 V clamping ranges
and a negative spike protection in the 0.48 V
• Very thin package (1.0 mm overall component height)
• Fast response time
• Low leakage current
Transient protection for data lines to
IEC 61000-4-2 (ESD) ±25kV (air), ±10kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 24A (8/20µs)
Working voltages: 12V
MECHANICAL DATA
• Case: Ultra Thin Molded plastic DFN1725
• Epoxy: UL94-V0 rate flame retardant
APPLICATION
Power rail ESD transient over-voltages and reverse voltages protection for
12 V supplied IC’s
Special design for HDD ESD protector
DFN1725
Schematic
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute ratings (limiting value)
Parameter
Symbol
Value
Unit
IEC 61000-4-2 level 4 standard
Air discharge
Contact discharge
Vpp
15
8
KV
Power dissipation on infinite heatsink
P
4
W
Peak pulse Power dissipation, tp = 8/20μs
Ppk
300.0
W
Non repetitive surge peak forward current
tp=10 ms Tj initial = Tamb
IFSM
10
A
Instantaneous forward voltage @ IF = 0.85 A
TJ = 25 °C
TJ = 125 °C
VF(V)
0.48
0.36
V


Similar Part No. - SOTY12D

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SOTYXXD BWTECH-SOTYXXD Datasheet
543Kb / 4P
   Ultra Low forward voltage TVS
More results

Similar Description - SOTY12D

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SOTYXXD BWTECH-SOTYXXD Datasheet
543Kb / 4P
   Ultra Low forward voltage TVS
logo
STMicroelectronics
SMTY18AM STMICROELECTRONICS-SMTY18AM Datasheet
61Kb / 6P
   LOW FORWARD VOLTAGE TVS: Transky
SMTYF STMICROELECTRONICS-SMTYF Datasheet
95Kb / 8P
   Low forward voltage TVS Transky?
SMTYXXA STMICROELECTRONICS-SMTYXXA Datasheet
123Kb / 7P
   Low forward voltage TVS: Transky?
logo
Shanghai Leiditech Elec...
SST40L100DC LEIDITECH-SST40L100DC Datasheet
878Kb / 3P
   Ultra low forward voltage
logo
Unisonic Technologies
TGBR5U45L-TN3-R UTC-TGBR5U45L-TN3-R Datasheet
154Kb / 3P
   Ultra low forward voltage drop
MGBR15U50G-K08-5060-R UTC-MGBR15U50G-K08-5060-R Datasheet
165Kb / 3P
   Ultra low forward voltage drop
TGBR10U120CL-TF1-T UTC-TGBR10U120CL-TF1-T Datasheet
156Kb / 3P
   Ultra low forward voltage drop
TGBR40U100CL-TA3-T UTC-TGBR40U100CL-TA3-T Datasheet
139Kb / 3P
   Ultra low forward voltage drop
TGBR5U60L-TN3-R UTC-TGBR5U60L-TN3-R Datasheet
155Kb / 3P
   Ultra low forward voltage drop
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com