Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C20 Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BZT52C20
Description  0.5W Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BZT52C20 Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BZT52C20 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BZT52C20 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BZT52C20 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0
0.1
0.2
0.3
0.4
0.5
25
050
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Dissipation vs Ambient Temperature
A
°
0.6
0
10
20
30
40
50
01
2
3
4
5
6
7
89
10
V , ZENER VOLTAGE (V)
Fig. 2 Zener Breakdown Characteristics
Z
T = 25°C
j
C2V7
C3V3
C3V9
C4V7
C5V6
C6V8
C8V2
C6V2
Test Current I
5.0mA
Z
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3 Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
j
Test current I
5mA
Z
Test current I
2mA
Z
C10
C12
C18
C22
C27
C33
C36
C15
0
2
4
6
8
10
10 20 30 40 50 60 70 80 90 100
V , ZENER VOLTAGE (V)
Fig. 4 Zener Breakdown Characteristics
Z
Test Current I
2mA
Z
C39
T = 25°C
j
10
100
1000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 5 Total Capacitance vs Nominal Zener Voltage
Z
T = 25 °C
f = 1MHz
j
V= 1V
R
V= 2V
R
V= 1V
R
V= 2V
R
BZT52C2V4-BZT52C39
0.5W Zener Diodes


Similar Part No. - BZT52C20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C20 DIODES-BZT52C20 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Taiwan Semiconductor Co...
BZT52C20 TSC-BZT52C20 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
logo
Guangdong Kexin Industr...
BZT52C20 KEXIN-BZT52C20 Datasheet
50Kb / 2P
   Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
BZT52C20 SECOS-BZT52C20 Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
Microdiode Electronics ...
BZT52C20 CHENDA-BZT52C20 Datasheet
283Kb / 4P
   Surface mount zener diode
More results

Similar Description - BZT52C20

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZMM55C LUGUANG-ZMM55C Datasheet
314Kb / 4P
   0.5W Zener Diodes
logo
Jinan Gude Electronic D...
1N957B JGD-1N957B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com