Electronic Components Datasheet Search |
|
P6SMB24CA Datasheet(PDF) 1 Page - Bruckewell Technology LTD |
|
P6SMB24CA Datasheet(HTML) 1 Page - Bruckewell Technology LTD |
1 / 3 page P6SMB6.8CA-P6SMB440CA SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VBR : 6.8 - 440 Volts PPK : 600 Watts FEATURES : * 600W surge capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.) * Typical IR less then 1μA above 10V * Pb / RoHS Free MECHANICAL DATA * Case : SMB Molded plastic * Epoxy : UL94V-0 rate flame retardant * Lead : Lead Formed for Surface Mount * Mounting position : Any * Weight : 0.108 gram DEVICES FOR UNIPOLAR APPLICATIONS For uni-directional without "C" Electrical characteristics apply in both directions MAXIMUM RATINGS Rating at 25 °C ambient temperature unless otherwise specified. Rating Symbol Value Unit Peak Power Dissipation at Ta = 25ºC, Tp=1ms (Note1) PPK Minimum 600 Watts Steady State Power Dissipation at TL = 75 °C PD 5.0 Watts Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) (Note 3) IFSM 100 Amps. Operating and Storage Temperature Range TJ, TSTG - 55 to + 150 °C Notes: (1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25 °C per Fig. 1 (2) Mounted on copper Lead area at 5.0 mm 2 ( 0.013 mm thick ). (3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per Minutes maximum. Page 1 of 3 SMB (DO-214AA) Dimensions in millimeters 0.22 ± 0.07 2.1 ±0.15 2.28 ± 0.15 3.62 ±0.32 1.14 ± 0.38 0.1 ± 0.1 |
Similar Part No. - P6SMB24CA |
|
Similar Description - P6SMB24CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |