Selected language     English  ▼


9-1393222-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 9-1393222-1
Description  Miniature Power PCB Relay MSR V23061
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
1
05-2013, Rev. 0513
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Miniature Power PCB Relay MSR V23061
n
1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
n
High inrush currents with AgSnO
2 contacts (TV4 0 65A)
n
4kV/8mm coil-contact
n
Reinforced insulation (protection class II)
n
Ambient temperature up to 85°C at 8A
n
Plastic materials according to IEC 60335-1 (domestic appliances)
Typical applications
HVAC, interface technology. PLC’s, power supplies, TV-/monitor control,
domestic appliances, Hi-Fi products, timers.
Approvals
VDE REG.-Nr 3919, UL E214025
Technical data of approved types on request.
Contact Data
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
versions A,B
8A
versions C, D
10A
Limiting making current, max 4s, df 10%
15A
version A302, max 20ms
65A
Breaking capacity max.
2000VA
Contact material
AgSnO
2, AgNi90/10
Frequency of operation, with/without load
6/1200min-1
Operate/release time max.
10/5ms
Bounce time max., form A/form B
3/10ms
Contact ratings
Type
Contact Load
Cycles
IEC 61810
V23061-A1***-A302
A (NO)
8A, 250VAC, cos
φ=1, 85°C
100x103
V23061-C2***-A802
A (NO)
10A, 250VAC, cos
φ=1, 85°C
100x103
V23061-C2***-A802
A (NO)
5A, 250VAC, cos
φ=1, 105°C
100x103
UL 508
V23061-A1***-A302
A (NO)
TV4, Tungsten, 120VAC, 40°C
25x103
V23061-A1***-A302
A (NO)
Pilot duty, A300, 40°C
6x103
V23061-C2***-A802
A (NO)
10A, 240VAC,
general purpose ,40°C
30x103
EN60730-1
V23061-A1***-A302
A (NO)
2(2)A, 250VAC, 85°C
100x103
V23061-C2***-A802
A (NO)
4(4)A, 250VAC, 85°C
100x103
Mechanical endurance, DC coil
10x106 operations
Coil Data
Coil voltage range
3 to 60VDC
Operative range, IEC 61810
2
Coil insulation system according UL
classA or classF
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)
mW
001
3
2.1
0.3
40
225
002
5
3.4
0.5
118
212
003
6
4.1
0.6
165
218
004
9
6.1
0.9
364
223
005
12
8.2
1.2
652
221
007
24
16.3
2.4
2270
254
009
48
32.6
4.8
8790
262
010
60
40.8
6.0
152651)
236
1) Coil resistance ±15%.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000V
rms
between contact and coil
4000V
rms
Clearance/creepage
between contact and coil
≥8/8mm
Material group of insulation parts
IIIa
Z




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl