Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-FB190SA10 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VS-FB190SA10
Description  Power MOSFET, 190 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-FB190SA10 Datasheet(HTML) 7 Page - Vishay Siliconix

  VS-FB190SA10 Datasheet HTML 1Page - Vishay Siliconix VS-FB190SA10 Datasheet HTML 2Page - Vishay Siliconix VS-FB190SA10 Datasheet HTML 3Page - Vishay Siliconix VS-FB190SA10 Datasheet HTML 4Page - Vishay Siliconix VS-FB190SA10 Datasheet HTML 5Page - Vishay Siliconix VS-FB190SA10 Datasheet HTML 6Page - Vishay Siliconix VS-FB190SA10 Datasheet HTML 7Page - Vishay Siliconix VS-FB190SA10 Datasheet HTML 8Page - Vishay Siliconix VS-FB190SA10 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 93459
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 12-Apr-11
7
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-FB190SA10
Power MOSFET, 190 A
Vishay Semiconductors
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
CIRCUIT
CIRCUIT
CONFIGURATION CODE
CIRCUIT DRAWING
Single switch
S
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95423
Packaging information
www.vishay.com/doc?95425
2
-
Power MOSFET
1
-
Vishay Semiconductors product
3
-
Generation 5 MOSFET
4
-
Current rating (190 = 190 A)
5
-
Single switch
6
-
Package indicator (SOT-227)
7
-
Voltage rating (10 = 100 V)
Device code
5
1
3
2
4
6
7
VS-
F
B
190
S
A
10
3
(D)
2
(G)
4
(S)
1
(S)
S(1-4)
D(3)
G(2)
1
(S)
4
(S)
3
2
(D)
(G)
Lead Assignment


Similar Part No. - VS-FB190SA10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-FA38SA50LCP VISHAY-VS-FA38SA50LCP Datasheet
180Kb / 9P
   Power MOSFET, 38 A
Revision: 08-Aug-13
VS-FA38SA50LCP VISHAY-VS-FA38SA50LCP Datasheet
180Kb / 9P
   Power MOSFET, 38 A
02-Oct-12
VS-FA38SA50LCP VISHAY-VS-FA38SA50LCP_V01 Datasheet
180Kb / 9P
   Power MOSFET, 38 A
02-Oct-12
VS-FA40SA50LC VISHAY-VS-FA40SA50LC Datasheet
307Kb / 10P
   Power MOSFET, 40 A
Revision: 01-Jun-16
VS-FA40SA50LC VISHAY-VS-FA40SA50LC Datasheet
210Kb / 10P
   Power MOSFET, 40 A
01-Jan-2022
More results

Similar Description - VS-FB190SA10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FB190SA10 VISHAY-FB190SA10 Datasheet
185Kb / 9P
   Power MOSFET, 190 A
Revision: 12-Apr-11
logo
ON Semiconductor
NVMYS1D7N04C ONSEMI-NVMYS1D7N04C Datasheet
260Kb / 7P
   MOSFET - Power, Single N-Channel 40 V, 1.7 m, 190 A
October, 2020 ??Rev. 0
NVB190N65S3F ONSEMI-NVB190N65S3F Datasheet
259Kb / 9P
   MOSFET - Power 650 V, 190 m, 20 A, Single N-Channel, D2PAK
June, 2019 ??Rev. 0
NTMT190N65S3H ONSEMI-NTMT190N65S3H Datasheet
417Kb / 10P
   MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 190 m, 16 A
March, 2021-Rev. 2
NTHL190N65S3HF ONSEMI-NTHL190N65S3HF Datasheet
519Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 20 A, 190 m
September, 2019-Rev. 1
NVBG190N65S3F ONSEMI-NVBG190N65S3F Datasheet
236Kb / 10P
   MOSFET - Power, Single N-Channel, D2PAK-7L 650 V, 190 m, 20 A
May, 2022 - Rev. 0
NTPF190N65S3H ONSEMI-NTPF190N65S3H Datasheet
216Kb / 10P
   MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 190 m, 16 A
December, 2020-Rev. 0
NTPF190N65S3HF ONSEMI-NTPF190N65S3HF Datasheet
390Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 20 A, 190 m
September, 2019-Rev. 2
logo
Vishay Siliconix
SIA850DJ VISHAY-SIA850DJ Datasheet
116Kb / 9P
   N-Channel 190-V (D-S) MOSFET with 190-V Diode
Rev. B, 02-Feb-09
logo
Lapp.
UDB602002 LAPP-UDB602002 Datasheet
111Kb / 2P
   ÖLFLEX® 190 & 190 CY
January 1, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com