Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6-1416200-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 6-1416200-1
Description  Miniature Power PCB Relay MSR V23061
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-1416200-1 Datasheet(HTML) 2 Page - Tyco Electronics

  6-1416200-1 Datasheet HTML 1Page - Tyco Electronics 6-1416200-1 Datasheet HTML 2Page - Tyco Electronics 6-1416200-1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
05-2013, Rev. 0513
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Miniature Power PCB Relay MSR V23061 (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
- 40 to +85°C
Category of environmental protection
IEC 61810
RTII - flux proof,
RTIII - wash tight
Vibration resistance (functional)
form A (NO) / form B (NC)
10/4g
Vibration resistance (destructive)
form A (NO) / form B (NC)
20/5g
Shock resistance (destructive)
100g
Terminal type
PCB-THT
Weight
11g
Resistance to soldering heat THT
IEC 60068-2-20
RTII: 270°C/10s
RTIII: 260°C/5s
Packaging/unit
tube/20 pcs., box/1000 pcs.
PCB layout / terminal assignment
Dimensions
1 form C, 1 CO contact, 3.2mm
1 form A, 1 NO contact, 5mm
1 form C, 1 CO contact, 3.2mm
1 form A, 1 NO contact, 5mm


Similar Part No. - 6-1416200-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
6-1416200-1 TEC-6-1416200-1 Datasheet
255Kb / 3P
   General Purpose Low Power PCB Relays
6-1416200-1 TEC-6-1416200-1 Datasheet
255Kb / 3P
   1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
More results

Similar Description - 6-1416200-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MSR MACOM-MSR_06 Datasheet
63Kb / 1P
   Miniature Power PCB Relay MSR / V23061
2-1393223-5 MACOM-2-1393223-5 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
V23061A1004A302 MACOM-V23061A1004A302 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
2-1393223-1 MACOM-2-1393223-1 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
2-1393222-0 MACOM-2-1393222-0 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
V23061A1002A302 MACOM-V23061A1002A302 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
2-1393223-6 MACOM-2-1393223-6 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
2-1393222-7 MACOM-2-1393222-7 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
2-1393222-3 MACOM-2-1393222-3 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com