Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3T-ST11M2M Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3T-ST11M2M
Description  The Improved E3T Series with Easier, Smoother Mounting and Installation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-ST11M2M Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3T-ST11M2M Datasheet HTML 1Page - Omron Electronics LLC E3T-ST11M2M Datasheet HTML 2Page - Omron Electronics LLC E3T-ST11M2M Datasheet HTML 3Page - Omron Electronics LLC E3T-ST11M2M Datasheet HTML 4Page - Omron Electronics LLC E3T-ST11M2M Datasheet HTML 5Page - Omron Electronics LLC E3T-ST11M2M Datasheet HTML 6Page - Omron Electronics LLC E3T-ST11M2M Datasheet HTML 7Page - Omron Electronics LLC E3T-ST11M2M Datasheet HTML 8Page - Omron Electronics LLC E3T-ST11M2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
E3T
Accessories (Order Separately)
Accessories for M2-mounting Sensors These accessories are not included with the Sensor. Order them separately if required.
*1.An arrow indicates the polarization direction. Mutual interference can be prevented by using different polarization directions for adjacent Emitters/Receivers.
*2. When using Through-beam Sensors (E3T-ST@@, E3T-FT@@), order one bracket for the Emitter and one for the Receiver.
*3. Order two Sets, one for the Emitter and one for the Receiver, for Through-beam Sensors (E3T-ST@@ or E3T-FT@@).
This is the Screw Set for mounting the Sensor to the Mounting Bracket. Order this Set if you loose the screws. Do not use this Screw Set to mount the Mounting
Bracket to the equipment.
*4. This is included with the Sensor.
Name
Applicable
Sensor
Model
Quantity
Dimensions
page
Remarks
Mutual Interference Prevention Filter for
Through-beam Side-view Sensors *1
E3T-ST3
@
E39-E14
4
(Two each for Emitter
and Receiver)
19
Sensing distance 1 m
E3T-ST1
@
Sensing distance 0.5 m
Slit for Through-beam
Side-view Sensors
0.5 dia.
E3T-ST3
@
E39-S63
2
(One each for Emitter
and Receiver; common
with Slit widths of 1 dia.
and 0.5 dia.)
Sensing distance 200 mm,
Minimum detectable object (typical)
0.5-mm dia.
E3T-ST1
@
Sensing distance 100 mm,
Minimum detectable object (typical)
0.5-mm dia.
E3T-ST2
@
Sensing distance 30 mm,
Minimum detectable object (typical)
0.5-mm dia.
1 dia.
E3T-ST3
@
Sensing distance 600 mm,
Minimum detectable object (typical)
1-mm dia.
E3T-ST1
@
Sensing distance 300 mm,
Minimum detectable object (typical)
1-mm dia.
E3T-ST2
@
Sensing distance 100 mm,
Minimum detectable object (typical)
1-mm dia.
Slit for Through-beam Flat
Sensors
0.5 dia.
E3T-FT1
@
E39-S64
Sensing distance 50 mm,
Minimum detectable object (typical)
0.5-mm dia.
E3T-FT2
@
Sensing distance 30 mm,
Minimum detectable object (typical)
0.5-mm dia.
1 dia.
E3T-FT1
@
Sensing distance 100 mm,
Minimum detectable object (typical)
1-mm dia.
E3T-FT2
@
Sensing distance 50 mm,
Minimum detectable object (typical)
1-mm dia.
Sensitivity Adjustment Unit for Through-
beam Side-view Sensors
E3T-ST3
@
E39-E10
1
Sensing distance (typical) 1,200 to
1,800 mm
E3T-ST1
@
Sensing distance (typical) 300 to
800 mm
Mounting Brackets for Side-view Sensors
*2
E3T-S
@@@
E39-L116
1
20
Nut plate provided
E39-L117
E39-L118
21
Mounting Brackets for Flat Sensors *2
E3T-F
@@@
E39-L119
---
E39-L120
Screw Set for Side-view Sensors *3*4
E3T-S
@@@
E39-L164
2 for each
---
Material: Iron (Same type as provided
with the Sensor.)
Contents: Phillips screws (M2
×14),
Hexagonal nuts, Spring washers, Flat
washers
Screw Set for Flat Sensors *3*4
E3T-F
@@@
E39-L165
Material: Iron (Same type as provided
with the Sensor.)
Contents: Phillips screws (M2
×8),
Hexagonal nuts, Spring washers, Flat
washers
SUS Screw Set for Flat Sensors *3
E3T-F
@@@
E39-L172
2
Material: SUS304
Contents: Bolt with hexagonal hole
(M2
×6)
SUS Screw Set for Side-view Sensors *3
E3T-S
@@@
E39-L173
2 for each
Material: SUS304
Contents: Bolt with hexagonal hole
(M2
×12), Hexagonal nuts, Spring
washers, Flat washers


Similar Part No. - E3T-ST11M2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-ST11 OMRON-E3T-ST11 Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-ST11 OMRON-E3T-ST11 Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-ST11 OMRON-E3T-ST11 Datasheet
846Kb / 16P
   Subminiature Photoelectric Sensor
E3T-ST112M OMRON-E3T-ST112M Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
More results

Similar Description - E3T-ST11M2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-CD11 OMRON-E3T-CD11 Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
XF2R OMRON-XF2R Datasheet
586Kb / 4P
   Easier FPC Insertion and Improved Work Efficiency with 0.9-mm Profile and FPC Guide Section
logo
List of Unclassifed Man...
RR-H412-16PK-R1 ETC2-RR-H412-16PK-R1 Datasheet
598Kb / 2P
   Quick-snap fan bracket design for easier installation.
logo
KODENSHI_AUK CORP.
SG264 KODENSHI-SG264 Datasheet
149Kb / 2P
   With the installation positioning boss
logo
List of Unclassifed Man...
RL-EB24-16FK-R1 ETC2-RL-EB24-16FK-R1 Datasheet
354Kb / 3P
   Easy installation with Eisberg mounting kit
logo
Vectron International, ...
CS-300 VECTRON-CS-300 Datasheet
795Kb / 8P
   Clock Smoother
CS300 VECTRON-CS300 Datasheet
1,020Kb / 8P
   Clock Smoother
logo
Amphenol Corporation
T8041 AMPHENOL-T8041 Datasheet
190Kb / 4P
   Simple installation (mounting hardware and instructions included
logo
List of Unclassifed Man...
2502-2 ETC1-2502-2 Datasheet
101Kb / 2P
   MOUNTING BRACKET KIT INSTALLATION INSTRUCTIONS
logo
Tyco Electronics
408-4214 MACOM-408-4214 Datasheet
136Kb / 5P
   Installation and removal of the crimper from the tool holder assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com