Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC3A25MS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EC3A25MS
Description  3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC3A25MS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EC3A25MS Datasheet HTML 1Page - List of Unclassifed Manufacturers EC3A25MS Datasheet HTML 2Page - List of Unclassifed Manufacturers EC3A25MS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ….………….......……....... 5V …................4.5-6V, 4.5-9V
Efficiency ….............................................................................. See Table
12V …..................... 9-18V
Isolation Voltage:
24V …..................... 18-36V
500 VDC min. ……………………….………………… Standard Models
48V …................... 36-72V
3K VDC min. …… (Non-Conductive Black Plastic Only) ….. Suffix “H” Models
Input Surge Voltage (100ms max.) …….…… 5V ….………...... 10Vdc max.
1.5K VDC min. ………..…..……………………… Suffix “HM” Models
12V …................. 25Vdc max.
Isolation Resistance ….....................................................… 10
9 ohm min.
24V …................. 50Vdc max.
Isolation Capacitance ………………..…………………..…… 250pF Typ.
48V …............... 100Vdc max.
Switching Frequency …................................................... 100KHz, min.
Input Filter ………………………………………………….…………….. Pi Type
Operating Ambient Temperature Range …...................... -25℃ to +71℃
OUTPUT SPECIFICATIONS:
“-E” models: -40℃ to +85℃
Voltage Accuracy …...................................................................... ±2.0% max.
Power de-rating Curve ………………..……………………….. see Figure1
Voltage Balance (Dual) ….............................................................. ±1.0% max.
Case Temperature (Note 4) … Plastic/Copper case … 95℃/100℃ max.
Temperature Coefficient ……………………..……………………… ±0.05%/℃
Cooling ……………………………………………….. Natural Convection
Ripple & Noise, 20MHz BW (Note 5) …… 3.3V/5V ………… 100mV p-p, max.
Storage Temperature Range ………….……....……..... -40℃ to +100℃
12V/15V …………… 1% p-p max.
Humidity .................................................. 95% RH max. Non condensing
Short Circuit Protection ……………………………………………… Continuous
MTBF ………. MIL-STD-217F ..……..……………………… 2000Khrs typ.
Line Regulation ………… Single/Dual (Note 1) …………………. ±0.5% max.
“-E ” m odels: 2500K hrs t yp.
Load Regulation ……..… Single (Note 2) …………....…………. ±0.5% max.
Dimensions …… DIP …..… 1.25
×0.80x0.40 inches(31.8x20.3×10.2mm)
Dual (Note 3) ….….….………………… ±1.0% max.
SMD …… 1.25
×0.80x0.45 inches(31.8x20.3×11.4mm)
Start up time …………………………………….………..….…..……10 ms max.
S/HS Models (note 6) ... 1.25
×0.80x0.41 inches(31.8x20.3×10.4mm)
NOTE:
Case Material:
1. Measured From High Line to Low Line
Standard Models …………………….… Non-Conductive Black Plastic
2. Measured From Full Load to 10% Load
Suffix “M” Models .. Black Coated Copper with Non-conductive Base
3. Measured From Full Load to 1/4 Load
Suffix “S” Models ………….……………….…………… SMD package
4. Maximum case temperature under any operating condition should
Weight ………………………………………………….……………… 12.5g
not exceed 95℃(Plastic Case), 100℃(Copper Case).
5. The output noise is measured with 0.1uF MLCC across for SMD package
6. S and HS models for “E” Version Only
Case A Dimensions:
BOTTOM
VIEW
SEE NOTE
PIN CONNECTION
500 VDC
1.5K & 3K VDC
Pin
Single Output
Dual Output
1,24
2,23
3,22
10,15
11,14
12,13
+V Input
NC
NC
-V Output
+V Output
-V Input
+V Input
-V Output
-V Input
Common
Common
+V Output
* NP-NO PIN
* NC-NO CONNECTION WITH PIN
NOTE:Pin Size is 0.02 ±0.002Inch (0.5±0.05mm)DIA
All Dimensions In Inches (mm)
Tolerances
Inches: X.XX= ±0.02 , X.XXX= ±0.010
Millimeters: X.X= ±0.5 , X.XX=±0.25
9
4
20,21
CASE AS
TOP
VIEW
DIP
SMD
NP
NC
NP
NC
NP
NC
DIP
SMD
Pin
Single Output
Dual Output
DIP
SMD
DIP
SMD
NP
NC
NP
NC
NP
NC
NC
NC
-V Output
Common
-V Input
-V Input
+V Output
+V Output
Common
-V Output
+V Input
+V Input
1,24
2,3
10,15
11
12,13
14
9
22,23
16
4,5
20,21
NP
NC
NP
NC
NP
NC
NP
NC
NC
NC
NP
NC
NP
NC
NP
NC
NP
NC
16
NP
NC
NP
NC
5
NP
NC
NP
NC
*0.41(10.4)mm for "-E" Version S/HS Models
Figure1.Typical Derating curve for Natural Convection
100
71
-40
100
-40
85
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
Ambient Temperature(
oC)
Plastic Case
Copper Case
-E Version


Similar Part No. - EC3A25MS

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EC3A25 RSG-EC3A25 Datasheet
671Kb / 1P
   3 WATT WIDE INPUT DC-DC CONVERTERS
More results

Similar Description - EC3A25MS

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC3AB CINCON-EC3AB Datasheet
200Kb / 2P
   3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC3A-E CINCON-EC3A-E Datasheet
257Kb / 2P
   3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7B CINCON-EC7B Datasheet
216Kb / 2P
   20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC3AW CINCON-EC3AW Datasheet
187Kb / 2P
   3 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC5BE CINCON-EC5BE Datasheet
198Kb / 2P
   15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE CINCON-EC4BE Datasheet
187Kb / 2P
   10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7A CINCON-EC7A Datasheet
213Kb / 2P
   10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7C CINCON-EC7C Datasheet
192Kb / 2P
   40 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TAL-3S1205 TRUMPOWER-TAL-3S1205 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 1.5-3 Watt
logo
CINCON ELECTRONICS Corp...
EC4AB CINCON-EC4AB Datasheet
215Kb / 2P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com