Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC3A23MS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EC3A23MS
Description  3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC3A23MS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EC3A23MS Datasheet HTML 1Page - List of Unclassifed Manufacturers EC3A23MS Datasheet HTML 2Page - List of Unclassifed Manufacturers EC3A23MS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
EC3ASERIES
3 WATT 2:1 INPUT RANGE
DC-DC
CONVERTERS
FEATURES
* 3W Isolated Output
* 24-Pin DIP Package
* Efficiency to 87%
* 2:1 Input Range
* Regulated Outputs
* Pi Input Filter
* Continuous Short Circuit Protection
* Meet EMI EN55022 class A (“-E” model)
* No Tantalum Capacitor inside (“-E” model)
* Wide Operating Temperature Range (“-E” model)
* UL60950-1 Approval for H/HM Versions only and “-E” Model
NOTE:
1. Suffix “-E” of the models are high efficiency and wide operating temperature version.
2. Nominal Input Voltage is 5, 12, 24 or 48VDC.
3. Typical value at nominal input voltage and full load.
MODEL
NUMBER
(1)
INPUT
VOLTAGE
(2)
OUTPUT
VOLTAGE
OUTPUT
CURRENT
INPUT CURRENT
% EFF.
(3)
CAPACITOR
LOAD MAX.
NO LOAD
FULL LOAD
“-E”
“-E”
“-E”
“-E”
EC3A01
4.5-6 VDC 4.5-9 VDC
5 VDC
600 mA 15 mA
15 mA 800 mA 779 mA
75
77
2200uF
EC3A02
4.5-6 VDC 4.5-9 VDC
12 VDC
250 mA 15 mA
15 mA 759 mA 750 mA
79
80
2200uF
EC3A03
4.5-6 VDC 4.5-9 VDC
15 VDC
200 mA 15 mA
15 mA 779 mA 750 mA
77
80
2200uF
EC3A04
4.5-6 VDC 4.5-9 VDC
±5 VDC
±300 mA 25 mA
25 mA 779 mA 779 mA
77
77
1000uF
EC3A05
4.5-6 VDC 4.5-9 VDC
±12 VDC
±125 mA 25 mA
25 mA 789 mA 750 mA
76
80
1000uF
EC3A06
4.5-6 VDC 4.5-9 VDC
±15 VDC
±100 mA 25 mA
25 mA 800 mA 750 mA
75
80
1000uF
EC3A07
4.5-6 VDC 4.5-9 VDC
3.3 VDC
600 mA 15 mA
15 mA 582 mA 550 mA
68
72
2200uF
EC3A11
9-18 VDC
5 VDC
600 mA 7.5 mA 7.5 mA 325 mA 309 mA 77
81
2200uF
EC3A12
9-18 VDC
12 VDC
250 mA 7.5 mA 10 mA 313 mA 298 mA 80
84
2200uF
EC3A13
9-18 VDC
15 VDC
200 mA 7.5 mA 10 mA 316 mA 294 mA 79
85
2200uF
EC3A14
9-18 VDC
±5 VDC
±300 mA 12 mA
15 mA 325 mA 305 mA
77
82
1000uF
EC3A15
9-18 VDC
±12 VDC
±125 mA 12 mA
12 mA 325 mA 298 mA
77
84
1000uF
EC3A16
9-18 VDC
±15 VDC
±100 mA 12 mA
15 mA 316 mA 294 mA
79
85
1000uF
EC3A17
9-18 VDC
3.3 VDC
600 mA 7.5 mA 7.5 mA 229 mA 212 mA 72
78
2200uF
EC3A21
18-36 VDC
5 VDC
600 mA
5 mA
7.5 mA 158 mA 152 mA
79
82
2200uF
EC3A22
18-36 VDC
12 VDC
250 mA
5 mA
7.5 mA 156 mA 145 mA
80
86
2200uF
EC3A23
18-36 VDC
15 VDC
200 mA
5 mA
7.5 mA 152 mA 145 mA
82
86
2200uF
EC3A24
18-36 VDC
±5 VDC
±300 mA 7.5 mA 7.5 mA 162 mA 152 mA 77
82
1000uF
EC3A25
18-36 VDC
±12 VDC
±125 mA 7.5 mA 10 mA 158 mA 147 mA 79
85
1000uF
EC3A26
18-36 VDC
±15 VDC
±100 mA 7.5 mA 10 mA 154 mA 145 mA 81
86
1000uF
EC3A27
18-36 VDC
3.3 VDC
600 mA
5 mA
5 mA
111 mA 106 mA
74
78
2200uF
EC3A31
36-72 VDC
5 VDC
600 mA
2 mA
3 mA
78 mA
74 mA
79
84
2200uF
EC3A32
36-72 VDC
12 VDC
250 mA
2 mA
3 mA
78 mA
73 mA
80
86
2200uF
EC3A33
36-72 VDC
15 VDC
200 mA
2 mA
5 mA
78 mA
73 mA
80
86
2200uF
EC3A34
36-72 VDC
±5 VDC
±300 mA
3 mA
5 mA
80 mA
74 mA
78
85
1000uF
EC3A35
36-72 VDC
±12 VDC
±125 mA
3 mA
5 mA
80 mA
72 mA
78
87
1000uF
EC3A36
36-72 VDC
±15 VDC
±100 mA
3 mA
5 mA
80 mA
72 mA
78
87
1000uF
EC3A37
36-72 VDC
3.3 VDC
600 mA
3 mA
3 mA
57 mA
52 mA
72
79
2200uF


Similar Part No. - EC3A23MS

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EC3A23 RSG-EC3A23 Datasheet
671Kb / 1P
   3 WATT WIDE INPUT DC-DC CONVERTERS
More results

Similar Description - EC3A23MS

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC3AB CINCON-EC3AB Datasheet
200Kb / 2P
   3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC3A-E CINCON-EC3A-E Datasheet
257Kb / 2P
   3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7B CINCON-EC7B Datasheet
216Kb / 2P
   20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC3AW CINCON-EC3AW Datasheet
187Kb / 2P
   3 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC5BE CINCON-EC5BE Datasheet
198Kb / 2P
   15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE CINCON-EC4BE Datasheet
187Kb / 2P
   10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7A CINCON-EC7A Datasheet
213Kb / 2P
   10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7C CINCON-EC7C Datasheet
192Kb / 2P
   40 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TAL-3S1205 TRUMPOWER-TAL-3S1205 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 1.5-3 Watt
logo
CINCON ELECTRONICS Corp...
EC4AB CINCON-EC4AB Datasheet
215Kb / 2P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com