Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA30CA Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # P4SMA30CA
Description  BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

P4SMA30CA Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  P4SMA30CA Datasheet HTML 1Page - Bruckewell Technology LTD P4SMA30CA Datasheet HTML 2Page - Bruckewell Technology LTD P4SMA30CA Datasheet HTML 3Page - Bruckewell Technology LTD P4SMA30CA Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS ( Rating at 25 °C ambient temperature unless otherwise specified)
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(μA)
(A)
(V)
(% /
°C)
P4SMA62C
55.8
68.2
1.0
50.2
5.0
4.7
89.0
0.104
P4SMA62CA
58.9
65.1
1.0
53.0
5.0
5.0
85.0
0.104
P4SMA68C
61.2
74.8
1.0
55.1
5.0
4.3
98.0
0.104
P4SMA68CA
64.6
71.4
1.0
58.1
5.0
4.6
92.0
0.104
P4SMA75C
67.5
82.5
1.0
60.7
5.0
3.9
108
0.105
P4SMA75CA
71.3
78.8
1.0
64.1
5.0
4.1
103
0.105
P4SMA82C
73.8
90.2
1.0
66.4
5.0
3.6
118
0.105
P4SMA82CA
77.9
86.1
1.0
70.1
5.0
3.7
113
0.105
P4SMA91C
81.9
100
1.0
73.7
5.0
3.2
131
0.106
P4SMA91CA
86.5
95.5
1.0
77.8
5.0
3.4
125
0.106
P4SMA100C
90.0
110
1.0
81.0
5.0
2.9
144
0.106
P4SMA100CA
95.0
105
1.0
85.5
5.0
3.1
137
0.106
P4SMA110C
99.0
121
1.0
89.2
5.0
2.7
158
0.107
P4SMA110CA
105
116
1.0
94.0
5.0
2.8
152
0.107
P4SMA120C
108
132
1.0
97.2
5.0
2.4
173
0.107
P4SMA120CA
114
126
1.0
102
5.0
2.5
165
0.107
P4SMA130C
117
143
1.0
105
5.0
2.2
187
0.107
P4SMA130CA
124
137
1.0
111
5.0
2.3
179
0.107
P4SMA150C
135
165
1.0
121
5.0
2.0
215
0.108
P4SMA150CA
143
158
1.0
128
5.0
2.0
207
0.108
P4SMA160C
144
176
1.0
130
5.0
1.8
230
0.108
P4SMA160CA
152
168
1.0
136
5.0
1.9
219
0.108
P4SMA170C
153
187
1.0
138
5.0
1.7
244
0.108
P4SMA170CA
162
179
1.0
145
5.0
1.8
234
0.108
P4SMA180C
162
198
1.0
146
5.0
1.6
258
0.108
P4SMA180CA
171
189
1.0
154
5.0
1.7
246
0.108
P4SMA200C
180
220
1.0
162
5.0
1.5
287
0.108
P4SMA200CA
190
210
1.0
171
5.0
1.53
274
0.108
P4SMA220C
198
242
1.0
175
5.0
1.16
344
0.108
P4SMA220CA
209
231
1.0
185
5.0
1.22
328
0.108
P4SMA250C
225
275
1.0
202
5.0
1.11
360
0.110
P4SMA250CA
237
263
1.0
214
5.0
1.16
344
0.110
P4SMA300C
270
330
1.0
243
5.0
0.93
430
0.110
P4SMA300CA
285
315
1.0
256
5.0
0.97
414
0.110
P4SMA350C
315
385
1.0
284
5.0
0.79
504
0.110
P4SMA350CA
332
368
1.0
300
5.0
0.83
482
0.110
P4SMA400C
360
440
1.0
324
5.0
0.70
574
0.110
P4SMA400CA
380
420
1.0
342
5.0
0.73
548
0.110
P4SMA440C
396
484
1.0
356
5.0
0.95
631
0.110
P4SMA440CA
418
462
1.0
376
5.0
1.00
602
0.110
Note :
(1) "P4SMA" will be omitted in marking on the diode.


Similar Part No. - P4SMA30CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA30CA WTE-P4SMA30CA Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
P4SMA30CA SOCAY-P4SMA30CA Datasheet
580Kb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Taiwan Semiconductor Co...
P4SMA30CA TSC-P4SMA30CA Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Littelfuse
P4SMA30CA LITTELFUSE-P4SMA30CA Datasheet
1Mb / 6P
   P4SMA Series
P4SMA30CA LITTELFUSE-P4SMA30CA Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
More results

Similar Description - P4SMA30CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
logo
Solid States Devices, I...
T00003 SSDI-T00003 Datasheet
148Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP4SMA47CA EIC-QP4SMA47CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00 : March 14, 2016
5KP5.0C EIC-5KP5.0C Datasheet
119Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
QP6KE33CA EIC-QP6KE33CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
1.5KE6.8CL EIC-1.5KE6.8CL Datasheet
68Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Solid States Devices, I...
ST1.5KPS6.8 SSDI-ST1.5KPS6.8_1 Datasheet
128Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6KE36CA EIC-QP6KE36CA Datasheet
297Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
logo
Will Semiconductor Ltd.
ESD56151D04 WILLSEMI-ESD56151D04 Datasheet
423Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD5431Z WILLSEMI-ESD5431Z Datasheet
379Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com