Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ1VB1C225 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECJ1VB1C225
Description  Multilayer Ceramic Capacitors (High Capacitance)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ1VB1C225 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECJ1VB1C225 Datasheet HTML 1Page - Panasonic Semiconductor ECJ1VB1C225 Datasheet HTML 2Page - Panasonic Semiconductor ECJ1VB1C225 Datasheet HTML 3Page - Panasonic Semiconductor ECJ1VB1C225 Datasheet HTML 4Page - Panasonic Semiconductor ECJ1VB1C225 Datasheet HTML 5Page - Panasonic Semiconductor ECJ1VB1C225 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
– EC4 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(High Capacitance)
Sample
Unit : mm
20
45
±245±2
Unit : mm
R340
1.0
R0.5
0.5
Sample
PC boad
Item
Specification
Test Method
Operating
Temperature
Range
Temp. Char. B, X7R : –55 to 125 °C
Temp. Char. B, X5R : –55 to 85 °C
Temp. Char. F, Y5V : –30 to 85 °C
Dielectric
Withstanding
Voltage
No dielectric breakdown and/or damage
Test voltage : Rated voltage
250 %
Duration:1 to 5 s.
Charge / Discharge current: 50 mA max.
Insulation
Resistance
(I.R.)
500/C (M ) min.
Note : 100/C(M )min. for DC 10 V max.
C : Nominal Cap. in µF
Measuring voltage : Rated voltage
Duration : 60±5 s
Charge / Discharge current: 50 mA max.
Capacitance
Within the specified tolerance
Measuring temperature: 20±2 °C
Preconditioning: The capacitors shall be
kept in temperature of 150 +0/–10 °C
for 1 hour and subject to standard
condition48±4 hours before initial
measurement.
Nominal capacitance
C
<10 µF
C>10 µF
Measuring frequency
1 kHz±10 %
120 Hz±20 %
Measuring voltage 1.0±0.2 Vrms 0.5±0.2 Vrms
Dissipation
Factor
(tan
δ)
0.2 max.
Please see the technical specifications for details.
Temperature
Characteristics
Temperature Characteristics
B
: ±10 %
X7R : ±15 %
X5R : ±15 %
F
: +30, –80 %
Y5V : +22, –82 %
Maximum capacitance change at stages 1 to 5
Temp. Char.
B, F
X7R
X5R
Y5V
Stage 1
20 °C
25 °C
25 °C
25 °C
Stage 2
–25 °C –55 °C –55 °C –30 °C
Stage 3
(Ref. Temp.)
20 °C
25 °C
25 °C
25 °C
Stage 4
85 °C 125 °C 85 °C
85 °C
Stage 5
20 °C
25 °C
25 °C
25 °C
See the technical specifications for
details such as measuring voltage.
Adhesion
Terminal electrodes shall be free from peeling or signs of
peeling.
Applied force : 5 N
Duration : 10 s
Size : 0402
Size : 0603 to 1206
Bending
Strength
Appearance: No mechanical damage
Capacitance change:
Temp. Char. B, X7R, X5R: within ±12.5 %
F, Y5V: within ±30 %
Bending value :1 mm
Bending speed : 1 mm/s
Vibration
Proof
Appearance : No mechanical damage.
Capacitance : Within the specified tolerance
tan
δ : Initial standard value
Total amplitude : 1.5 mm
Vibration frequency : 10 to 55 to 10 Hz
for 1 min
3 perpendicular directions for 2 hours
each, a total of 6 hours
Specifications and Testing Methods
✽Standard condition : Temperature 15 to 35 °C, Relative humidity 45 to 75 %
02 Dec. 2008


Similar Part No. - ECJ1VB1C225

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ1VB1C225 PANASONIC-ECJ1VB1C225 Datasheet
313Kb / 6P
   Multilayer Ceramic Capacitors High Capacitance
ECJ1VB1C225 PANASONIC-ECJ1VB1C225 Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ1VB1C225 PANASONIC-ECJ1VB1C225 Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ1VB1C225 PANASONIC-ECJ1VB1C225 Datasheet
321Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
logo
Panasonic Battery Group
ECJ1VB1C225K PANASONICBATTERY-ECJ1VB1C225K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
More results

Similar Description - ECJ1VB1C225

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-3YB0J226M PANASONIC-ECJ-3YB0J226M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-3FB1E474K PANASONIC-ECJ-3FB1E474K Datasheet
321Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-0EB0J225M PANASONIC-ECJ-0EB0J225M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2FB0J106M PANASONIC-ECJ-2FB0J106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB0J475K PANASONIC-ECJ-1VB0J475K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-1VB0J225K PANASONIC-ECJ-1VB0J225K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2YF1A475Z PANASONIC-ECJ-2YF1A475Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-2YB1H104K PANASONIC-ECJ-2YB1H104K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB1A106M PANASONIC-ECJ-1VB1A106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2FB1E105K PANASONIC-ECJ-2FB1E105K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com