Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IH10BQ100K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IH10BQ100K
Description  Filter Inductors, High Current, Radial Leaded
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IH10BQ100K Datasheet(HTML) 1 Page - Vishay Siliconix

  IH10BQ100K Datasheet HTML 1Page - Vishay Siliconix IH10BQ100K Datasheet HTML 2Page - Vishay Siliconix IH10BQ100K Datasheet HTML 3Page - Vishay Siliconix IH10BQ100K Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Filter Inductors, High Current, Radial Leaded
www.vishay.com
For technical questions, contact: magnetics@vishay.com
Document Number: 34013
1
Revision: 04-Feb-11
IH
Vishay Dale
ELECTRICAL SPECIFICATIONS
Inductance: Measured at 1.0 V with zero DC current
Incremental Current: The typical current at which the
inductance will be decreased by 5 % from its initial zero DC
value
Operating Temperature: - 55 °C to + 125 °C (no load),
- 55 °C to + 75 °C (at full rated current)
FEATURES
• Printed circuit mounting
• Pre-tinned leads
• Protected by polyolefin tubing - flame retardant
UL type VW-1 per MIL-I-23053/5, class 3
requirements
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Noise filtering for switching regulators, power amplifiers,
power supplies and SCR and Triac control circuits
Current Rating: Maximum continuous operating current
(DC or RMS) based on a 50 °C temperature rise
MECHANICAL SPECIFICATIONS
Wire: Solid soft copper
Terminals: Extensions of the winding
Core Material: Ferrite
Coating: Polyolefin tubing
DIMENSIONS in inches [millimeters]
MODEL
A (MAX.)
B (MAX.)
C ± 0.062 [± 1.57]
D ± 0.005 [± 0.127]
IH-3
0.875 [22.23]
0.600 [15.24]
0.500 [12.70]
0.042 [1.067]
IH-3
1.125 [28.58]
0.625 [15.88]
0.687 [17.45]
0.042 [1.067]
IH-3
0.875 [22.23]
0.800 [20.32]
0.437 [11.10]
0.042 [1.067]
IH-3
0.875 [22.23]
0.800 [20.32]
0.750 [19.05]
0.042 [1.067]
IH-3
1.125 [28.58]
0.800 [20.32]
0.937 [23.80]
0.042 [1.067]
IH-3
1.375 [34.93]
0.800 [20.32]
1.062 [26.97]
0.042 [1.067]
IH-3
1.625 [41.28]
0.800 [20.32]
1.312 [33.32]
0.042 [1.067]
IH-5
0.875 [22.23]
0.625 [15.88]
0.750 [19.05]
0.053 [1.35]
IH-5
1.125 [28.58]
0.625 [15.88]
1.000 [25.40]
0.053 [1.35]
IH-5
0.875 [22.23]
0.840 [21.34]
0.562 [14.27]
0.053 [1.35]
IH-5
1.125 [28.58]
0.840 [21.34]
0.750 [19.05]
0.053 [1.35]
IH-5
1.125 [28.58]
0.860 [21.84]
0.875 [22.23]
0.053 [1.35]
IH-5
1.375 [34.93]
0.860 [21.84]
1.000 [25.40]
0.053 [1.35]
IH-5
1.625 [41.28]
0.860 [21.84]
1.250 [31.75]
0.053 [1.35]
IH-10
1.125 [28.58]
0.635 [16.13]
0.812 [20.62]
0.065 [1.65]
IH-10
1.375 [34.93]
0.635 [16.13]
1.218 [30.94]
0.065 [1.65]
IH-10
1.125 [28.58]
0.935 [23.75]
0.687 [17.45]
0.065 [1.65]
IH-10
1.375 [34.93]
0.935 [23.75]
0.937 [23.80]
0.065 [1.65]
IH-10
1.375 [34.93]
0.935 [23.75]
1.125 [28.58]
0.065 [1.65]
IH-10
1.625 [41.28]
0.935 [23.75]
1.312 [33.32]
0.065 [1.65]
IH-15
1.375 [34.93]
0.700 [17.78]
0.937 [23.80]
0.082 [2.08]
IH-15
1.687 [42.85]
0.700 [17.78]
1.500 [38.10]
0.082 [2.08]
IH-15
1.375 [34.93]
1.000 [25.40]
0.937 [23.80]
0.082 [2.08]
IH-15
1.625 [41.28]
1.000 [25.40]
1.125 [28.58]
0.082 [2.08]
B
1.0 ± 0.125
[25.40 ± 3.18]
C
D
Leads tinned
to within
0.125 [3.18]
A
Schematic


Similar Part No. - IH10BQ100K

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
IH10B0H DIT-IH10B0H Datasheet
1Mb / 2P
   EMI/EMC FILTER
IH10B0S DIT-IH10B0S Datasheet
1Mb / 2P
   EMI/EMC FILTER
IH10B1H DIT-IH10B1H Datasheet
1Mb / 2P
   EMI/EMC FILTER
IH10B1S DIT-IH10B1S Datasheet
1Mb / 2P
   EMI/EMC FILTER
IH10B2H DIT-IH10B2H Datasheet
1Mb / 2P
   EMI/EMC FILTER
More results

Similar Description - IH10BQ100K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHM-2 VISHAY-IHM-2_11 Datasheet
76Kb / 3P
   Filter Inductors, High Current, Radial Leaded
Revision: 04-Feb-11
IH VISHAY-IH Datasheet
83Kb / 3P
   Filter Inductors, High Current, Radial Leaded
01-Jan-2022
IHM-2 VISHAY-IHM-2_V01 Datasheet
60Kb / 3P
   Filter Inductors, High Current, Radial Leaded
01-Jan-2022
IHB VISHAY-IHB_V01 Datasheet
91Kb / 6P
   Filter Inductors, High Current, Radial Leaded
01-Jan-2022
IHV VISHAY-IHV_V01 Datasheet
76Kb / 3P
   Filter Inductors, High Current, Radial Leaded
01-Jan-2022
IHB6EB103K VISHAY-IHB6EB103K Datasheet
90Kb / 6P
   Filter Inductors, High Current, Radial Leaded
Revision: 13-Apr-11
TJ VISHAY-TJ Datasheet
112Kb / 8P
   Inductors, Toroid, High Current, Radial Leaded
01-Jan-2022
IHD VISHAY-IHD_V01 Datasheet
78Kb / 4P
   Filter Inductors, High Current, Axial Leaded
01-Jan-2022
IHA VISHAY-IHA_V01 Datasheet
89Kb / 3P
   Filter Inductors, High Current, Axial Leaded
01-Jan-2022
IHD1ER470L VISHAY-IHD1ER470L Datasheet
77Kb / 4P
   Filter Inductors, High Current, Axial Leaded
Revision: 04-Feb-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com