Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IH10BQ101K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IH10BQ101K
Description  Filter Inductors, High Current, Radial Leaded
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IH10BQ101K Datasheet(HTML) 2 Page - Vishay Siliconix

  IH10BQ101K Datasheet HTML 1Page - Vishay Siliconix IH10BQ101K Datasheet HTML 2Page - Vishay Siliconix IH10BQ101K Datasheet HTML 3Page - Vishay Siliconix IH10BQ101K Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions, contact: magnetics@vishay.com
Document Number: 34013
2
Revision: 04-Feb-11
IH
Vishay Dale
Filter Inductors, High Current, Radial Leaded
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND. AT 1 kHz
(μH)
TOL.
(%)
DCR MAX.
(
)
RATED DC CURRENT
(mA)
INCREMENTAL CURRENT
(mA)
IH-3
5
± 10
0.015
10 000
25 000
IH-3
10
± 10
0.018
9000
19 000
IH-3
27
± 10
0.035
7000
12 000
IH-3
50
± 10
0.050
5600
8000
IH-3
100
± 10
0.065
5200
6000
IH-3
150
± 10
0.075
5000
5000
IH-3
250
± 10
0.090
5000
4000
IH-5
5
± 10
0.012
14 000
25 000
IH-5
10
± 10
0.015
12 000
19 000
IH-5
27
± 10
0.025
9000
13 000
IH-5
50
± 10
0.030
8000
10 000
IH-5
68
± 10
0.035
7500
9000
IH-5
100
± 10
0.050
7500
7000
IH-5
150
± 10
0.060
7000
5000
IH-10
5
± 10
0.010
19 000
25 000
IH-10
10
± 10
0.012
16 000
19 000
IH-10
27
± 10
0.018
12 500
12 000
IH-10
50
± 10
0.025
11 000
10 000
IH-10
68
± 10
0.027
10 000
8000
IH-10
100
± 10
0.030
10 000
7000
IH-15
5
± 10
0.008
24 000
25 000
IH-15
10
± 10
0.010
20 000
19 000
IH-15
27
± 10
0.015
16 000
14 000
IH-15
50
± 10
0.020
15 000
10 000
MARKING
- Vishay Dale
- Model
- Inductance value
- Date code
ORDERING INFORMATION
IH-5
10 μH
± 10 %
EB
e2
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
IH
0
5
E
B
1
0
0
K
MODEL
PACKAGE
CODE
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE


Similar Part No. - IH10BQ101K

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
IH10B0H DIT-IH10B0H Datasheet
1Mb / 2P
   EMI/EMC FILTER
IH10B0S DIT-IH10B0S Datasheet
1Mb / 2P
   EMI/EMC FILTER
IH10B1H DIT-IH10B1H Datasheet
1Mb / 2P
   EMI/EMC FILTER
IH10B1S DIT-IH10B1S Datasheet
1Mb / 2P
   EMI/EMC FILTER
IH10B2H DIT-IH10B2H Datasheet
1Mb / 2P
   EMI/EMC FILTER
More results

Similar Description - IH10BQ101K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHM-2 VISHAY-IHM-2_11 Datasheet
76Kb / 3P
   Filter Inductors, High Current, Radial Leaded
Revision: 04-Feb-11
IH VISHAY-IH Datasheet
83Kb / 3P
   Filter Inductors, High Current, Radial Leaded
01-Jan-2022
IHM-2 VISHAY-IHM-2_V01 Datasheet
60Kb / 3P
   Filter Inductors, High Current, Radial Leaded
01-Jan-2022
IHB VISHAY-IHB_V01 Datasheet
91Kb / 6P
   Filter Inductors, High Current, Radial Leaded
01-Jan-2022
IHV VISHAY-IHV_V01 Datasheet
76Kb / 3P
   Filter Inductors, High Current, Radial Leaded
01-Jan-2022
IHB6EB103K VISHAY-IHB6EB103K Datasheet
90Kb / 6P
   Filter Inductors, High Current, Radial Leaded
Revision: 13-Apr-11
TJ VISHAY-TJ Datasheet
112Kb / 8P
   Inductors, Toroid, High Current, Radial Leaded
01-Jan-2022
IHD VISHAY-IHD_V01 Datasheet
78Kb / 4P
   Filter Inductors, High Current, Axial Leaded
01-Jan-2022
IHA VISHAY-IHA_V01 Datasheet
89Kb / 3P
   Filter Inductors, High Current, Axial Leaded
01-Jan-2022
IHD1ER470L VISHAY-IHD1ER470L Datasheet
77Kb / 4P
   Filter Inductors, High Current, Axial Leaded
Revision: 04-Feb-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com