Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21271STRPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR21271STRPBF
Description  CURRENT SENSING SINGLE CHANNEL DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21271STRPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR21271STRPBF Datasheet HTML 5Page - International Rectifier IR21271STRPBF Datasheet HTML 6Page - International Rectifier IR21271STRPBF Datasheet HTML 7Page - International Rectifier IR21271STRPBF Datasheet HTML 8Page - International Rectifier IR21271STRPBF Datasheet HTML 9Page - International Rectifier IR21271STRPBF Datasheet HTML 10Page - International Rectifier IR21271STRPBF Datasheet HTML 11Page - International Rectifier IR21271STRPBF Datasheet HTML 12Page - International Rectifier IR21271STRPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.irf.com
9
IRS212(7, 71, 8, 81)(S)PbF
Min
Typ
Max
0
200
400
600
800
1000
1200
-50
-25
0
25
50
75
100
125
Temperatur e (°C)
Figure
10A. Start-Up Blanking Time vs.
Min
Typ
Max
0
200
400
600
800
1000
1200
10
12
14
16
18
20
Supply Voltage (V)
Figure
10B. Start-Up Blanking Time vs. Voltage
Typ
Max
0
50
100
150
200
250
300
350
400
450
500
-50
-25
0
25
50
75
100
125
Temperatur e (°C)
Figure 1
1A. CS Shutdown Prop. Delay vs .
Typ
Max
0
50
100
150
200
250
300
350
400
10
12
14
16
18
20
Supply Voltage (V)
Figure 1
1B. CS Shutdown Pr op. Delay vs.
Temperature
Temperature
Voltage


Similar Part No. - IR21271STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21271S IRF-IR21271S Datasheet
194Kb / 16P
   CURRENT SENSING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR21271S INFINEON-IR21271S Datasheet
201Kb / 16P
   CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60143-O
logo
International Rectifier
IR21271SPBF IRF-IR21271SPBF Datasheet
194Kb / 16P
   CURRENT SENSING SINGLE CHANNEL DRIVER
More results

Similar Description - IR21271STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2128 IRF-IR2128 Datasheet
194Kb / 16P
   CURRENT SENSING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2127 INFINEON-IR2127 Datasheet
201Kb / 16P
   CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60143-O
logo
International Rectifier
IR2127STRPBF IRF-IR2127STRPBF Datasheet
199Kb / 16P
   CURRENT SENSING SINGLE CHANNEL DRIVER
IRS212PBF IRF-IRS212PBF Datasheet
371Kb / 21P
   CURRENT SENSING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IRS212 INFINEON-IRS212 Datasheet
741Kb / 21P
   CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60299
logo
International Rectifier
IR2127 IRF-IR2127 Datasheet
230Kb / 6P
   CURRENT SENSING SINGLE CHANNEL DRIVER
IR2122 IRF-IR2122 Datasheet
91Kb / 6P
   CURRENT SENSING SINGLE CHANNEL DRIVER
IRS2127PBF IRF-IRS2127PBF_15 Datasheet
320Kb / 21P
   CURRENT SENSING SINGLE CHANNEL DRIVER
IR2127 IRF-IR2127_15 Datasheet
199Kb / 16P
   SURRENT SENSING SINGLE CHANNEL DRIVER
logo
Micrel Semiconductor
MIC5020 MICREL-MIC5020 Datasheet
99Kb / 7P
   Current-Sensing Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com