Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEC1CA563EA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECEC1CA563EA
Description  Long 3000 hour life at 105C with high ripple current capability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1CA563EA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECEC1CA563EA Datasheet HTML 1Page - Panasonic Semiconductor ECEC1CA563EA Datasheet HTML 2Page - Panasonic Semiconductor ECEC1CA563EA Datasheet HTML 3Page - Panasonic Semiconductor ECEC1CA563EA Datasheet HTML 4Page - Panasonic Semiconductor ECEC1CA563EA Datasheet HTML 5Page - Panasonic Semiconductor ECEC1CA563EA Datasheet HTML 6Page - Panasonic Semiconductor ECEC1CA563EA Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Panasonic Industrial Company
Aluminum Electrolytic Capacitors
37
Design and specifications are subject to change without notice.
Contact the factory or your sales representative for technical specifications before purchase and/or use.
When safety concerns arise, please contact Panasonic immediately for technical consultation.
Long 3000 hour life at 105°C with high ripple current capability
2 and 3 pin versions available
Can vent construction
**Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature.
Part Number System
Diameter
Code
22
B
25
C
30
D
35
E
Leakage Current:
Ripple Current Multipliers:
3 CV (µA) max. after 5 minutes; C = Capacitance in µF, V = WV
Endurance:
*2000 hours for 20mm length sizes
3000 hours* at + 05°C with maximum specified ripple current (see page 4)
TS-HA/HB Series 105°C, 3000 hours
Nominal Capacitance:
80~68000µF
Rated Working Voltage:
Operating Temperature:
0 ~ 250 VDC
-40 ~ + 05°C
385 ~ 450 VDC
-25 ~ + 05°C
82~560µF
Capacitance Tolerance:
Dissipation Factor:
(120 Hz, +20°C)
± 20%
Diameter
Frequency(Hz):
16~100WV:
50
160~450WV:
0.93
0.75
0.95
0.8
1.0
1.0
1.2
1.08
1.25
1.15
1.4
1.05
60
100~120
500
1k
10k
T
L+2 max.
D+1 max.
Circuit Board Mounting Holes
10.0±0.1
Ø2.0±0.1
Ø2.0±0.1
4.75±0.1
Ø2.5 min.
3.3±0.1
T
L+2 max.
D+1 max.
10.0±0.1
2 x Ø2.0±0.1
Circuit Board Mounting Holes
2 Pin Mounting Style
3 Pin Mounting Style
Pin Dimensions
Working Voltage [V]:
Max. D.F. (%):
0
55
25
20
00 ~ 450
5
(rated cap. [µF] - 33000 )
000
For capacitance values > 33000µF, add the value of:
6
45
25
35
35
30
50
63
80
7
Ripple Current Ambient Temperature Factors**
45°C
2.35
60°C
70°C
85°C
Temperature (°C):
Multiplier:
1.7
2.0
2.2
105°C
1.0
4mm Length: Standard on 3 Pin, Available on 2 Pin Mounting Styles
+0.2
"T" 6.3mm Length: Standard on 2 Pin Mounting Style
Top of Capacitor Body
4.0±0.5
1.5±0.2
2.0 max.
0.8
+0.2
-0.1
3.5
6.3±1.0
1.5±0.2
2.0 max.
0.8 -0.1
4.0
E
C
A
Capacitance
Code
Series
Code
Voltage Code
2G
2T
2E
2D
2C
2A
K
J
H
V
E
25
35
50
63
80
00
60 200 250 385 400
C
6
2W
450
A
0
Terminal Style
ECOS
ECEC
ECE3
Prefix Length # of Pins
6.3mm
4.0mm
4.0mm
2
2
3
B
RoHS
Compliant
Suffix
A
X
L
Standard Ratings
Extended CV Ratings
20mm Length Ratings
RoHS compliant PVC sleeve and top
plate is standard. PET sleeve is
available without top plate.


Similar Part No. - ECEC1CA563EA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CA563EA PANASONIC-ECEC1CA563EA Datasheet
583Kb / 7P
   Long 3000 hour life at 105C with high ripple current capability
ECEC1CA563EA PANASONIC-ECEC1CA563EA Datasheet
583Kb / 7P
   Aluminum Electrolytic Capacitors
ECEC1CA563EA PANASONIC-ECEC1CA563EA Datasheet
583Kb / 7P
   Aluminum Electrolytic Capacitors
More results

Similar Description - ECEC1CA563EA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECO-S1JA332EA PANASONIC-ECO-S1JA332EA Datasheet
583Kb / 7P
   Long 3000 hour life at 105C with high ripple current capability
logo
RUBYCON CORPORATION
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
50YXG220M10X16 RUBYCON-50YXG220M10X16 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
25YXG100MEFC6.3X11 RUBYCON-25YXG100MEFC6.3X11 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
35YXG1000M12.5X25 RUBYCON-35YXG1000M12.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
logo
MERITEK ELECTRONICS COR...
RF MERITEK-RF Datasheet
925Kb / 6P
   High ripple current, low E.S.R. and long life
logo
United Chemi-Con, Inc.
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD250E CHEMI-CON-EGPD250E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD800E CHEMI-CON-EGPD800E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD500E CHEMI-CON-EGPD500E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com