Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTP240N055T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP240N055T
Description  TrenchMV Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP240N055T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP240N055T Datasheet HTML 1Page - IXYS Corporation IXTP240N055T Datasheet HTML 2Page - IXYS Corporation IXTP240N055T Datasheet HTML 3Page - IXYS Corporation IXTP240N055T Datasheet HTML 4Page - IXYS Corporation IXTP240N055T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA240N055T
IXTP240N055T
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 10 V; ID =60 A, Note 1
75
132
S
C
iss
7600
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
1240
pF
C
rss
260
pF
t
d(on)
Resistive Switching Times
39
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = 25 A
54
ns
t
d(off)
R
G = 5 Ω (External)
63
n s
t
f
75
n s
Q
g(on)
170
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = 25 A
32
nC
Q
gd
48
nC
R
thJC
0.31
°C/W
R
thCS
TO-220
0.50
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
I
S
V
GS = 0 V
240
A
I
SM
Pulse width limited by T
JM
650
A
V
SD
I
F = 50 A, VGS = 0 V, Note 1
1.2
V
t
rr
I
F = 25 A, -di/dt = 100 A/μs70
ns
V
R = 25 V, VGS = 0 V
Notes: 1. Pulse test, t
≤ 300 μs, duty cycle d ≤ 2 %;
2. On through-hole packages, R
DS(on)
Kelvin test contact
location must be 5 mm or less from the package body.
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
7.11
8.13
.280
.320
E
9.65
10.29
.380
.405
E1
6.86
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.38
0
.015
R
0.46
0.74
.018
.029
TO-263AA (IXTA) Outline
Pins:
1 - Gate
2 - Drain
3 - Source
4, TAB - Drain
Pins:
1 - Gate
2 - Drain
3 - Source
4, TAB - Drain
TO-220AB (IXTP) Outline
IXYS MOSFETs and IGBTs are covered by 4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405B2
6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6771478 B2
7,071,537
PRELIMINARYTECHNICALINFORMATION
The product presented herein is under development. The Technical Specifications
offered are derived from data gathered during objective characterizations of preliminary
engineering lots; but also may yet contain some information supplied during a pre-
production design evaluation. IXYS reserves the right to change limits, test conditions,
and dimensions without notice.


Similar Part No. - IXTP240N055T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP240N055T ISC-IXTP240N055T Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP240N055T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTQ200N085T IXYS-IXTQ200N085T Datasheet
211Kb / 5P
   TrenchMV Power MOSFET
IXTC200N10T IXYS-IXTC200N10T Datasheet
191Kb / 5P
   TrenchMV Power MOSFET
IXTC280N055T IXYS-IXTC280N055T Datasheet
192Kb / 5P
   TrenchMV Power MOSFET
IXTP44N10T IXYS-IXTP44N10T Datasheet
192Kb / 5P
   TrenchMV??Power MOSFET
IXTP182N055T IXYS-IXTP182N055T Datasheet
227Kb / 6P
   TrenchMV??Power MOSFET
IXTQ250N075T IXYS-IXTQ250N075T Datasheet
209Kb / 5P
   TrenchMV Power MOSFET
IXTH240N055T IXYS-IXTH240N055T Datasheet
210Kb / 5P
   TrenchMV Power MOSFET
IXTV200N10T IXYS-IXTV200N10T Datasheet
220Kb / 5P
   TrenchMV Power MOSFET
IXTC220N055T IXYS-IXTC220N055T Datasheet
192Kb / 5P
   TrenchMV Power MOSFET
IXTP200N075T IXYS-IXTP200N075T Datasheet
221Kb / 5P
   TrenchMV Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com