Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTDN9946Q8 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTDN9946Q8
Description  MTDN9946Q8 CYStek Product Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTDN9946Q8 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTDN9946Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTDN9946Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTDN9946Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTDN9946Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTDN9946Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTDN9946Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTDN9946Q8 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C598Q8
Issued Date : 2009.11.11
Revised Date : 2011.03.21
Page No. : 2/7
MTDN9946Q8
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current @ VGS=4.5V, TA=25
°C (Note 1)
ID
5
A
Continuous Drain Current @ VGS=4.5V, TA=70
°C (Note 1)
ID
4
A
Pulsed Drain Current (Note 2&3)
IDM
20
A
Pd
2
W
Total Power Dissipation @ TA=25
°C
Linear Derating Factor
0.016
W /
°C
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
°C
Thermal Resistance, Junction-to-Ambient (Note 1)
Rth,ja
62.5
°C/W
Note : 1. Surface mounted on 1 in² copper pad of FR-4 board; 135
°C/W when mounted on minimum copper pad
2. Pulse width limited by maximum junction temperature.
3. Pulse width≤300μs, duty cycle≤2%
Characteristics (Tj=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
30
-
-
V
VGS=0, ID=250μA
ΔBVDSS/ΔTj
-
0.1
-
V/
°C
Reference to 25
°C, ID=1mA
VGS(th)
0.5
-
1.2
V
VDS = VGS, ID=250μA
GFS
-
13
-
S
VDS=5V, ID=5A
IGSS
-
-
±100
nA
VGS=±12V, VDS=0
-
-
1
μA
VDS =30V, VGS =0
IDSS
-
-
25
μA
VDS =24V, VGS =0, Tj=70
°C
-
-
30
ID=5A, VGS=10V
-
-
35
ID=5A, VGS=4.5V
-
-
50
ID=2.6A, VGS=2.5V
*RDS(ON)
-
-
120
m
Ω
ID=1A, VGS=1.8V
Dynamic
*Qg
-
8.5
15
*Qgs
-
1.5
-
*Qgd
-
3.2
-
nC
VDS=16V, ID=5A, VGS=4.5V
*td(ON)
-
6
-
*tr
-
20
-
*td(OFF)
-
20
-
*tf
-
3
-
ns
VDS=15V, ID=5A,
VGS=10V, RG=3.3Ω, RD=3Ω
Ciss
-
660
1050
Coss
-
90
-
Crss
-
70
-
pF
VDS=25V, VGS=0, f=1MHz
Source-Drain Diode
*VSD
-
-
1.2
V
IS=1.2A, VGS=0V
*trr
-
14
-
ns
*Qrr
-
7
-
nC
IS=5A, VGS=0V, dI/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


Similar Part No. - MTDN9946Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTDN9922Q8 CYSTEKEC-MTDN9922Q8 Datasheet
395Kb / 7P
   Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET
MTDN9926Q8 CYSTEKEC-MTDN9926Q8 Datasheet
429Kb / 7P
   Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
MTDN9926Q8 VBSEMI-MTDN9926Q8 Datasheet
984Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTDN9926Q8 DOINGTER-MTDN9926Q8 Datasheet
2Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
logo
Cystech Electonics Corp...
MTDN9971Q8 CYSTEKEC-MTDN9971Q8 Datasheet
468Kb / 5P
   Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - MTDN9946Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTA3513J3 CYSTEKEC-BTA3513J3 Datasheet
325Kb / 8P
   CYStek Product Specification
MTP4835J3 CYSTEKEC-MTP4835J3 Datasheet
291Kb / 9P
   MTP4835J3 CYStek Product Specification
SK24SA CYSTEKEC-SK24SA Datasheet
280Kb / 6P
   SK2XSA CYStek Product Specification
MTB60A06Q8 CYSTEKEC-MTB60A06Q8 Datasheet
313Kb / 9P
   MTB60A06Q8 CYStek Product Specification
QDM3 CYSTEKEC-QDM3 Datasheet
244Kb / 6P
   QDM3 CYStek Product Specification
BTA2029Y3 CYSTEKEC-BTA2029Y3 Datasheet
306Kb / 7P
   BTA2029Y3 CYStek Product Specification
MTA17A02CDN6 CYSTEKEC-MTA17A02CDN6 Datasheet
357Kb / 9P
   MTA17A02CDN6 CYStek Product Specification
MTEB4N15J3 CYSTEKEC-MTEB4N15J3 Datasheet
318Kb / 9P
   MTEB4N15J3 CYStek Product Specification
MTEF1P15Q8 CYSTEKEC-MTEF1P15Q8 Datasheet
309Kb / 9P
   MTEF1P15Q8 CYStek Product Specification
MTEH0N20L3 CYSTEKEC-MTEH0N20L3 Datasheet
298Kb / 8P
   MTEH0N20L3 CYStek Product Specification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com