Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTDP2004S6R Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTDP2004S6R
Description  Dual P-CHANNEL MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTDP2004S6R Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTDP2004S6R Datasheet HTML 1Page - Cystech Electonics Corp. MTDP2004S6R Datasheet HTML 2Page - Cystech Electonics Corp. MTDP2004S6R Datasheet HTML 3Page - Cystech Electonics Corp. MTDP2004S6R Datasheet HTML 4Page - Cystech Electonics Corp. MTDP2004S6R Datasheet HTML 5Page - Cystech Electonics Corp. MTDP2004S6R Datasheet HTML 6Page - Cystech Electonics Corp. MTDP2004S6R Datasheet HTML 7Page - Cystech Electonics Corp. MTDP2004S6R Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C698S6R
Issued Date : 2012.07.16
Revised Date :
Page No. : 4/ 8
MTDP2004S6R
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
1
10
100
0.1
1
10
100
-VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
1.6
-60 -40 -20
0
20 40
60 80 100 120 140 160
Tj, Junction Temperature(°C)
ID=-250μA
Single Pulse Power Rating, Junction to Ambient
(Note on page 2)
0
5
10
15
20
0.001
0.01
0.1
1
10
100
Pulse Width(s)
TJ(MAX)=150°C
TA=25°C
RθJA=417°C/W
Gate Charge Characteristics
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Qg, Total Gate Charge(nC)
ID=-250mA
VDS=-15V
VDS=-10V
VDS=-5V
Maximum Safe Operating Area
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
-VDS, Drain-Source Voltage(V)
DC
10ms
100ms
1ms
100μs
TA=25°C, Tj=150°C,
VGS=-4.5V, RθJA=417C/W
Single Pulse
Maximum Drain Current vs JunctionTemperature
0
0.1
0.2
0.3
0.4
0.5
0.6
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
TA=25°C, VGS=-4.5V, RθJA=417°C/W


Similar Part No. - MTDP2004S6R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTDP4953BDYQ8 CYSTEKEC-MTDP4953BDYQ8 Datasheet
440Kb / 6P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
MTDP4953BDYQ8 VBSEMI-MTDP4953BDYQ8 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Cystech Electonics Corp...
MTDP4953Q8 CYSTEKEC-MTDP4953Q8 Datasheet
568Kb / 8P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
MTDP4953Q8 VBSEMI-MTDP4953Q8 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTDP4953Q8 DOINGTER-MTDP4953Q8 Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - MTDP2004S6R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO6801A-HF KEXIN-AO6801A-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
ELM Electronics
ELM57801GA-S ELM-ELM57801GA-S Datasheet
1Mb / 5P
   Dual P-channel MOSFET
ELM34803AA-N ELM-ELM34803AA-N Datasheet
1Mb / 4P
   Dual P-channel MOSFET
logo
ELM Technology Corporat...
ELM18807BA-S ELM-TECH-ELM18807BA-S Datasheet
393Kb / 4P
   Dual P-channel MOSFET
ELM14813AA-N ELM-TECH-ELM14813AA-N Datasheet
96Kb / 4P
   Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO4817-HF KEXIN-AO4817-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
AO4821 KEXIN-AO4821 Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
AO4807 KEXIN-AO4807 Datasheet
2Mb / 5P
   Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM680P06D TSC-TSM680P06D Datasheet
461Kb / 6P
   Dual P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4801A-HF KEXIN-AO4801A-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4805 UMW-AO4805 Datasheet
508Kb / 6P
   Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com