Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOB220 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QOB220
Description  With Visi-Trip Indicator for NQ Panelboard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QOB220 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QOB220 Datasheet HTML 1Page - List of Unclassifed Manufacturers QOB220 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - QOB220

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB220 SCHNEIDER-QOB220 Datasheet
124Kb / 3P
   QO mini breaker, 20 A, 2 pole, 120/240 V, 10 kA, bolt on
QOB2201021 SCHNEIDER-QOB2201021 Datasheet
135Kb / 2P
   QO mini breaker, 20 A, 2 pole, 120/240 V, 10 kA, bolt on, shunt trip
QOB2201042 SCHNEIDER-QOB2201042 Datasheet
137Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB2201200 SCHNEIDER-QOB2201200 Datasheet
132Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on, Aux Switch 1A
QOB2201200FT SCHNEIDER-QOB2201200FT Datasheet
139Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on, FT
More results

Similar Description - QOB220

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
NQMB2Q SCHNEIDER-NQMB2Q Datasheet
99Kb / 1P
   NQ Panelboard Acc. Main Breaker Kit 225A, Q Frame
Aug 11, 2019
NQSE142300F SCHNEIDER-NQSE142300F Datasheet
99Kb / 2P
   NQ Panelboard Serv Entr 300A, 1 Phase, 42 CCT, Main Breaker, Flush Trim
NQSE184400F SCHNEIDER-NQSE184400F Datasheet
92Kb / 2P
   NQ Panelboard Serv Entr 400A, 1 Phase, 84 CCT, Flush Mount, 20 in
NQSE384400S SCHNEIDER-NQSE384400S Datasheet
92Kb / 2P
   NQ Panelboard Serv Entr 400A, 3 Phase, 84 CCT, Surface Mount, 20 in
NQSE372400S SCHNEIDER-NQSE372400S Datasheet
86Kb / 1P
   NQ Panelboard Serv Entr 400A, 3 Phase, 72 CCT, Surface Mount, 20 in
NQSE184300S SCHNEIDER-NQSE184300S Datasheet
91Kb / 2P
   NQ Panelboard Serv Entr 300A, 1 Phase, 84 CCT, Main Breaker, Surface Trim
NQSE342200S SCHNEIDER-NQSE342200S Datasheet
100Kb / 2P
   NQ Panelboard Serv Entr 200A, 3 Phase, 42 CCT, Surface Mount, 14 in
NQSE142300S SCHNEIDER-NQSE142300S Datasheet
99Kb / 2P
   NQ Panelboard Serv Entr 300A, 1 Phase, 42 CCT, Main Breaker, Surface Trim
NQSE342100F SCHNEIDER-NQSE342100F Datasheet
100Kb / 2P
   NQ Panelboard Serv Entr 100A, 3 Phase, 42 CCT, Flush Mount, 14 in
NQSE342100S SCHNEIDER-NQSE342100S Datasheet
100Kb / 2P
   NQ Panelboard Serv Entr 100A, 3 Phase, 42 CCT, Surface Mount, 14 in
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com