Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4257 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # SP4257
Description  50 廓 SPDT Absorptive CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4257 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  SP4257 Datasheet HTML 1Page - SIPAT Co,Ltd SP4257 Datasheet HTML 2Page - SIPAT Co,Ltd SP4257 Datasheet HTML 3Page - SIPAT Co,Ltd SP4257 Datasheet HTML 4Page - SIPAT Co,Ltd SP4257 Datasheet HTML 5Page - SIPAT Co,Ltd SP4257 Datasheet HTML 6Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Product Specification
SP4257
Page 2 of 6
4x4mm 20-Lead QFN
GND
15
14
13
12
11
3
4
5
2
1
GND
GND
GND
RF2
GND, RF2 Term.
GND
GND, RF1 Term.
RF1
GND
GND
No.
Name
Description
1
GND
RF Ground
2
GND
RF Ground
31
RF1
RF I/O
4
GND
RF Ground
5
GND
RF Ground
6
GND
RF Ground
7
GND
RF Ground
81
RFC
RF Common
9
GND
RF Ground
10
GND
RF Ground
11
GND
RF Ground
12
GND
RF Ground
131
RF2
RF I/O
14
GND
RF Ground
15
GND
RF Ground
162
CTRL2
Control 2
172
CTRL1
Control 1
183
VSS / GND
Negative Supply Option
19
GND
Digital Ground
20
VDD
Supply
Pad
GND
RF Ground Pad
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this CMOS device, observe the
same precautions that you would use with other ESD-
sensitive devices. Although this device contains
circuitry to protect it from damage due to ESD,
precautions should be taken to avoid exceeding the
rating specified.
Latch-Up Avoidance
Unlike conventional CMOS devices, CMOS
devices are immune to latch-up.
Table 4. Operating Ranges @ 25 °C
Notes: 1. RF pins 3, 8, and 13 must be at 0 VDC. The RF pins do
not require DC blocking capacitors for proper operation if the
0 VDC requirement is met.
2. Pins 16 and 17 are the CMOS controls that set the four
operating states.
3. Connect pin 18 to GND to enable the negative voltage
generator. Connect pin 18 to VSS (-3 V) to bypass and
disable internal -3 V supply generator. See paragraph
“Switching Frequency.”
Symbol
Parameter/Condition
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any DC input
-0.3
VDD + 0.3
V
PRF
RF power on RFC, RF1, RF2
On Port/ Terminated Port
33/24
dBm
TST
Storage temperature
-65
+150
°C
TOP
Operating temperature
-40
+85
°C
VESD
ESD voltage
(Human Body Model)
1000
V
Parameter
Min
Typ
Max
Unit
VDD Power Supply
2.7
3.0
3.3
V
IDD Power Supply Current
(VDD = 3V, VCNTL = 3V)
8
20
µA
Control Voltage High
0.70 VDD
V
Control Voltage Low
0
0.30 VDD
V
Switching Frequency
The SP4257 has a maximum 25 kHz switching rate
when the internal negative voltage generator is used
(pin 18=GND). The rate at which the SP4257 can be
switched is only limited to the switching time if an
external -3 V supply is provided at (pin18=VSS ).
Figure 3. Pin Configuration (Top View)
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be restricted to
the limits in the Operating Ranges table. Operation
between operating range maximum and absolute
maximum for extended periods may reduce reliability.
Table 5. Truth Table
CTRL1
CTRL2
RFC – RF1
RFC – RF2
Low
Low
OFF
OFF
Low
High
OFF
ON
High
Low
ON
OFF
High
High
N/A1
N/A1
Notes: 1. The operation of the SP4257 is not supported or
characterized in the C1=VDD and C2=VDD state.
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


Similar Part No. - SP4257

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4251 SIPAT-SP4251 Datasheet
557Kb / 8P
   SPDT COMS RF Switch
More results

Similar Description - SP4257

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4257 PEREGRINE-PE4257 Datasheet
300Kb / 7P
   50 廓 SPDT Absorptive UltraCMOS
logo
Peregrine Semiconductor
PE4257 PSEMI-PE4257_14 Datasheet
869Kb / 7P
   50 廓 SPDT Absorptive UltraCMOS?
logo
Honeywell Solid State E...
HRF-SW1001 HONEYWELL-HRF-SW1001 Datasheet
64Kb / 6P
   SPDT Absorptive RF Switch
logo
M/A-COM Technology Solu...
MASW-007075-000100 MA-COM-MASW-007075-000100 Datasheet
145Kb / 4P
   GaAs SPDT Absorptive Switch
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
202Kb / 5P
   GaAs SPDT Switch, Absorptive
logo
Honeywell Solid State E...
HRF-SW1000 HONEYWELL-HRF-SW1000 Datasheet
65Kb / 6P
   SPDT Absorptive RF Switch
logo
RF Micro Devices
RFSW6124 RFMD-RFSW6124 Datasheet
1Mb / 14P
   Absorptive High Isolation SPDT Switch
logo
Pasternack Enterprises,...
PE71S2041 PASTERNACK-PE71S2041_V01 Datasheet
556Kb / 5P
   Absorptive SPDT PIN Diode Switch
logo
Agilent(Hewlett-Packard...
MGS-71008 HP-MGS-71008 Datasheet
53Kb / 5P
   Absorptive SPDT GaAs MMIC Switch
logo
TriQuint Semiconductor
TQP4M0010 TRIQUINT-TQP4M0010_15 Datasheet
907Kb / 9P
   High Isolation Absorptive SPDT Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com