Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTEF1P15L3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTEF1P15L3
Description  P-Channel Logic Level Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTEF1P15L3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTEF1P15L3 Datasheet HTML 1Page - Cystech Electonics Corp. MTEF1P15L3 Datasheet HTML 2Page - Cystech Electonics Corp. MTEF1P15L3 Datasheet HTML 3Page - Cystech Electonics Corp. MTEF1P15L3 Datasheet HTML 4Page - Cystech Electonics Corp. MTEF1P15L3 Datasheet HTML 5Page - Cystech Electonics Corp. MTEF1P15L3 Datasheet HTML 6Page - Cystech Electonics Corp. MTEF1P15L3 Datasheet HTML 7Page - Cystech Electonics Corp. MTEF1P15L3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C896L3
Issued Date : 2013.04.01
Revised Date :
Page No. : 4/8
MTEF1P15L3
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
0.1
1
10
100
-VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
-60
-20
20
60
100
140
180
Tj, Junction Temperature(°C)
ID=-250μA
Maximum Safe Operating Area
0.01
0.1
1
10
0.1
1
10
100
1000
-VDS, Drain-Source Voltage(V)
RDS(ON)
Limited
DC
10ms
100ms
1ms
100μs
10μs
TA=25°C, Tj=150°C,
VGS=-10V, RθJA=50°C/W
Single Pulse
Gate Charge Characteristics
0
2
4
6
8
10
01
23
45
6
Qg, Total Gate Charge(nC)
VDS=-75V
ID=-1.4A
Maximum Drain Current vs Junction Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
25
50
75
100
125
150
175
Tj, JunctionTemperature(°C)
TA=25°C, VGS=-10V, RθJA=50°C/W
Typical Transfer Characteristics
0
2
4
6
8
02
4
6
8
10
-VGS, Gate-Source Voltage(V)
VDS=-10V


Similar Part No. - MTEF1P15L3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTEF1P15AN6 CYSTEKEC-MTEF1P15AN6 Datasheet
418Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTEF1P15AV8 CYSTEKEC-MTEF1P15AV8 Datasheet
414Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTEF1P15AV8-0-T6-G CYSTEKEC-MTEF1P15AV8-0-T6-G Datasheet
414Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTEF1P15N6 CYSTEKEC-MTEF1P15N6 Datasheet
359Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTEF1P15Q8 CYSTEKEC-MTEF1P15Q8 Datasheet
309Kb / 9P
   MTEF1P15Q8 CYStek Product Specification
More results

Similar Description - MTEF1P15L3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTP4835L3 CYSTEKEC-MTP4835L3 Datasheet
342Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB60P06E3 CYSTEKEC-MTB60P06E3 Datasheet
268Kb / 7P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTP9006E3 CYSTEKEC-MTP9006E3 Datasheet
257Kb / 6P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB7D0P03J3 CYSTEKEC-MTB7D0P03J3 Datasheet
464Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB25P06FP CYSTEKEC-MTB25P06FP Datasheet
346Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB12P04J3 CYSTEKEC-MTB12P04J3 Datasheet
343Kb / 7P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB90P06Q8 CYSTEKEC-MTB90P06Q8 Datasheet
344Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTP4060J3 CYSTEKEC-MTP4060J3 Datasheet
326Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB25P06J3 CYSTEKEC-MTB25P06J3 Datasheet
290Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB45P03Q8 CYSTEKEC-MTB45P03Q8 Datasheet
364Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com