Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS18VP6RB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QS18VP6RB
Description  Miniature self-contained photoelectric sensors in universal housing
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS18VP6RB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QS18VP6RB Datasheet HTML 1Page - List of Unclassifed Manufacturers QS18VP6RB Datasheet HTML 2Page - List of Unclassifed Manufacturers QS18VP6RB Datasheet HTML 3Page - List of Unclassifed Manufacturers QS18VP6RB Datasheet HTML 4Page - List of Unclassifed Manufacturers QS18VP6RB Datasheet HTML 5Page - List of Unclassifed Manufacturers QS18VP6RB Datasheet HTML 6Page - List of Unclassifed Manufacturers QS18VP6RB Datasheet HTML 7Page - List of Unclassifed Manufacturers QS18VP6RB Datasheet HTML 8Page - List of Unclassifed Manufacturers QS18VP6RB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Specifications
Supply Voltage
10 to 30V dc (10% maximum ripple) at less than 25
mA, exclusive of load;
Protected against reverse polarity and transient voltag-
es
Repeatability
Opposed Mode: 100 microseconds
FF Mode: 160 microseconds
All others: 150 microseconds
Adjustments
Glass Fiber Optic, Plastic Fiber Optic, Convergent, Dif-
fuse, and Retroreflective mode models (only): Single-
turn sensitivity (Gain) adjustment potentiometer
Indicators
2 LED indicators on sensor top:
Green ON steady: Power ON
Yellow ON steady: Light sensed
Green flashing: Output overloaded
Yellow flashing: Marginal excess gain (1 to 1.5x ex-
cess gain)
Prior to date code 0223, the output indicator was red.
Construction
ABS housing
3 mm mounting hardware included
Connections
2 m (6.5 ft) 4-wire PVC cable, 9 m (30 ft) 4-wire PVC
cable, 4-pin Pico-style or Euro-style QD, 4-pin Pico-
style or Euro-style 150 mm (6 in) pigtail QD, depending
on model
Output Configuration
Solid-state complementary (SPDT): NPN or PNP (cur-
rent sinking or sourcing), depending on model;
Rating: 100 mA maximum each output at 25°C
Off-state Leakage Current (FF Mode): less than 200 μA
@ 30V dc
Off-state Leakage Current (All others): less than 50 μA
@ 30V dc
ON-state Saturation Voltage: less than 1V @ 10 mA;
less than 1.5V @ 100 mA
Protected against false pulse on power-up and continu-
ous overload or short circuit of outputs
Output Response
Opposed Mode: 750 microseconds ON; 375 microsec-
onds OFF
FF Mode: 850 microseconds ON/OFF
All others: 600 microseconds ON/OFF
NOTE: 100 millisecond delay on power-up; outputs do
not conduct during this time
Environmental
Rated IEC IP67; NEMA 6
Operating Conditions
Temperature: -20 to +70 °C (-4 to +158 °F)
Relative Humidity: 90% @ 50º C (non-condensing)
Certifications
WORLD-BEAM QS18
P/N 63908 Rev. H
www.bannerengineering.com - tel: 763-544-3164
3


Similar Part No. - QS18VP6RB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VP6RB ETC2-QS18VP6RB Datasheet
709Kb / 10P
   WORLD-BEAM QS18
QS18VP6RB ETC2-QS18VP6RB Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
More results

Similar Description - QS18VP6RB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
List of Unclassifed Man...
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
SBF1 ETC2-SBF1 Datasheet
161Kb / 5P
   Compact modular self-contained photoelectric sensing controls
MQDC-315 ETC2-MQDC-315 Datasheet
257Kb / 8P
   Self-contained AC-operated Convergent Mode Sensors
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
   Self-contained DC-operated Diffuse Mode Sensors
SM31E ETC2-SM31E Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com