Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS18VP6LP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QS18VP6LP
Description  Miniature self-contained photoelectric sensors in universal housing
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS18VP6LP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QS18VP6LP Datasheet HTML 1Page - List of Unclassifed Manufacturers QS18VP6LP Datasheet HTML 2Page - List of Unclassifed Manufacturers QS18VP6LP Datasheet HTML 3Page - List of Unclassifed Manufacturers QS18VP6LP Datasheet HTML 4Page - List of Unclassifed Manufacturers QS18VP6LP Datasheet HTML 5Page - List of Unclassifed Manufacturers QS18VP6LP Datasheet HTML 6Page - List of Unclassifed Manufacturers QS18VP6LP Datasheet HTML 7Page - List of Unclassifed Manufacturers QS18VP6LP Datasheet HTML 8Page - List of Unclassifed Manufacturers QS18VP6LP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Diffuse Mode
Model¹
Range
Output
940 nm Infrared
QS18VN6D
450 mm (18 inches)
NPN
QS18VP6D
PNP
QS18VN6DB (Diffuse, wide)
NPN
QS18VP6DB (Diffuse, wide)
PNP
Divergent Mode
Model¹
Range
Output
940 nm Infrared
QS18VN6W
100 mm (4 inches)
NPN
QS18VP6W
PNP
Fixed Field Mode
Model¹
Range
Output
660 nm Visible Red
QS18VN6FF50
50 mm (2 inches)
NPN
QS18VP6FF50
PNP
QS18VN6FF100
100 mm (4 inches)
NPN
QS18VP6FF100
PNP
Plastic Fiber Optic Mode
Model¹
Range
Output
660 nm Visible Red
QS18VN6FP
Range varies by sensing
mode and fiber optics used
NPN
QS18VP6FP
PNP
Glass Fiber Optic Mode
Model¹
Range
Output
940 nm Infrared
QS18VN6F
Range varies by sensing
mode and fiber optics used
NPN
QS18VP6F
PNP
¹ Standard 2 m (6.5 ft) cable models are listed. To order the 9 m (30 ft) cable model, add suffix "W/30" to the cabled model number.
QD Models. For 4-pin integral Euro-style QD, add suffix “Q8” (e.g., QS186EQ8). For 4-pin integral Pico-style QD, add suffix “Q7” (e.g.,
QS186EQ7). For 4-pin 150 mm (6") Euro-style pigtail, add suffix “Q5” (e.g., QS186EQ5). For 4-pin 150 mm (6") Pico-style pigtail, add
suffix “Q” (e.g., QS186EQ).
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious
injury or death. This device does not include the self-checking redundant circuitry necessary to allow its
use in personnel safety applications. A sensor failure or malfunction can cause either an energized or de-
energized sensor output condition.
WORLD-BEAM QS18
2
www.bannerengineering.com - tel: 763-544-3164
P/N 63908 Rev. H


Similar Part No. - QS18VP6LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VP6LP ETC2-QS18VP6LP Datasheet
709Kb / 10P
   WORLD-BEAM QS18
QS18VP6LP ETC2-QS18VP6LP Datasheet
7Mb / 42P
   Universal photoelectric family offers 18 mm threaded lens or side mounts
QS18VP6LP ETC2-QS18VP6LP Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
QS18VP6LPQ8 ETC2-QS18VP6LPQ8 Datasheet
709Kb / 10P
   WORLD-BEAM QS18
QS18VP6LPQ8 ETC2-QS18VP6LPQ8 Datasheet
7Mb / 42P
   Universal photoelectric family offers 18 mm threaded lens or side mounts
More results

Similar Description - QS18VP6LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
List of Unclassifed Man...
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
SBF1 ETC2-SBF1 Datasheet
161Kb / 5P
   Compact modular self-contained photoelectric sensing controls
MQDC-315 ETC2-MQDC-315 Datasheet
257Kb / 8P
   Self-contained AC-operated Convergent Mode Sensors
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
   Self-contained DC-operated Diffuse Mode Sensors
SM31E ETC2-SM31E Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com