Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP3403KN3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTP3403KN3
Description  P-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP3403KN3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTP3403KN3 Datasheet HTML 1Page - Cystech Electonics Corp. MTP3403KN3 Datasheet HTML 2Page - Cystech Electonics Corp. MTP3403KN3 Datasheet HTML 3Page - Cystech Electonics Corp. MTP3403KN3 Datasheet HTML 4Page - Cystech Electonics Corp. MTP3403KN3 Datasheet HTML 5Page - Cystech Electonics Corp. MTP3403KN3 Datasheet HTML 6Page - Cystech Electonics Corp. MTP3403KN3 Datasheet HTML 7Page - Cystech Electonics Corp. MTP3403KN3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C865N3
Issued Date : 2012.08.08
Revised Date :
Page No. : 1/8
MTP3403KN3
CYStek Product Specification
P-Channel Enhancement Mode MOSFET
MTP3403KN3
BVDSS
-30V
ID
-3.3A
RDS(ON)@VGS=-10V, ID=-2.5A
63mΩ(typ)
RDS(ON)@VGS=-4.5V, ID=-1.35A
100mΩ(typ)
RDS(ON)@VGS=-4V, ID=-1.35A
114mΩ(typ)
Features
• Advanced trench process technology
• High density cell design for ultra low on resistance
• Low gate charge
• Compact and low profile SOT-23 package
• Pb-free & Halogen-free package
Equivalent Circuit
Outline
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @VGS=-10V, TA=25
°C (Note 1)
ID
-3.3
A
Continuous Drain Current @VGS=-10V, TA=70
°C (Note 1)
ID
-2.6
A
Pulsed Drain Current
(Note 2)
IDM
-15
A
Maximum Power Dissipation
PD
1.25
W
Linear Derating Factor
0.01
W/
°C
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
°C
Note : 1. Surface mounted on 1 in² copper pad of FR-4 board, t≤10s; 270
°C/W when mounted on minimum copper pad.
2. Pulse width limited by maximum junction temperature.
MTP3403KN3
SOT-23
D
S
G:Gate
G
S:Source
D:Drain


Similar Part No. - MTP3403KN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTP3403AN3 CYSTEKEC-MTP3403AN3 Datasheet
324Kb / 6P
   P-CHANNEL Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
MTP3403AN3 VBSEMI-MTP3403AN3 Datasheet
494Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Cystech Electonics Corp...
MTP3403N3 CYSTEKEC-MTP3403N3 Datasheet
290Kb / 5P
   P-CHANNEL Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
MTP3403N3 VBSEMI-MTP3403N3 Datasheet
494Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - MTP3403KN3

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com