Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5258BT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBZ5258BT
Description  150mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5258BT Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBZ5258BT Datasheet HTML 1Page - Diodes Incorporated MMBZ5258BT Datasheet HTML 2Page - Diodes Incorporated MMBZ5258BT Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30267 Rev. C-2
2 of 3
MMBZ5221BT - MMBZ5259BT
Electrical Characteristics @ TA = 25°C unless otherwise specified
Type
Number
Marking
Code
Zener Voltage Range (Note 2)
Test
Current
Maximum Zener
Impedance (Note 4)
Maximum Reverse
Leakage Current (Note 2)
VZ @IZT
IZT
ZZT @ IZT
ZZK @IZK
= 0.25mA
IR
@VR
Nom (V)
Min (V)
Max (V)
mA
WmA
V
MMBZ5221BT
C1
2.4
2.28
2.52
20
30
1200
100
1.0
MMBZ5223BT
C3
2.7
2.57
2.84
20
30
1300
75
1.0
MMBZ5225BT
C5
3.0
2.85
3.15
20
30
1600
50
1.0
MMBZ5226BT
G1
3.3
3.14
3.47
20
28
1600
25
1.0
MMBZ5227BT
G2
3.6
3.42
3.78
20
24
1700
15
1.0
MMBZ5228BT
G3
3.9
3.71
4.10
20
23
1900
10
1.0
MMBZ5229BT
G4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMBZ5230BT
G5
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMBZ5231BT
E1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMBZ5232BT
E2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMBZ5234BT
E4
6.2
5.89
6.51
20
7.0
1000
5.0
4.0
MMBZ5235BT
E5
6.8
6.46
7.14
20
5.0
750
3.0
5.0
MMBZ5236BT
F1
7.5
7.13
7.88
20
6.0
500
3.0
6.0
MMBZ5237BT
F2
8.2
7.79
8.61
20
8.0
500
3.0
6.5
MMBZ5239BT
F4
9.1
8.65
9.56
20
10
600
3.0
7.0
MMBZ5240BT
F5
10
9.50
10.50
20
17
600
3.0
8.0
MMBZ5241BT
H1
11
10.45
11.55
20
22
600
2.0
8.4
MMBZ5242BT
H2
12
11.40
12.60
20
30
600
1.0
9.1
MMBZ5243BT
H3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMBZ5245BT
H5
15
14.25
15.75
8.5
16
600
0.1
11
MMBZ5246BT
J1
16
15.20
16.80
7.8
17
600
0.1
12
MMBZ5248BT
J3
18
17.10
18.90
7.0
21
600
0.1
14
MMBZ5250BT
J5
20
19.00
21.00
6.2
25
600
0.1
15
MMBZ5251BT
K1
22
20.90
23.10
5.6
29
600
0.1
17
MMBZ5252BT
K2
24
22.80
25.20
5.2
33
600
0.1
18
MMBZ5254BT
K4
27
25.65
28.35
5.0
41
600
0.1
21
MMBZ5255BT
K5
28
26.60
29.40
4.5
44
600
0.1
21
MMBZ5256BT
M1
30
28.50
31.50
4.2
49
600
0.1
23
MMBZ5257BT
M2
33
31.35
34.65
3.8
58
700
0.1
25
MMBZ5258BT
M3
36
34.20
37.80
3.4
70
700
0.1
27
MMBZ5259BT
M4
39
37.05
40.95
3.2
80
800
0.1
30
TABLE 1
Ordering Information (Note 3)
Device
Packaging
Shipping
(Type Number)-7*
SOT-523
3000/Tape & Reel
* Add “-7” to the appropriate type number in Table 1 above. Example: 6.2V Zener = MMBZ5234BT-7.
Notes:
2. Short duration test pulse used to minimize self-heating effect.
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
4. f = 1KHz.


Similar Part No. - MMBZ5258BT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5258BT DIODES-MMBZ5258BT Datasheet
461Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. 9 - 2
MMBZ5258BT DIODES-MMBZ5258BT Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 11 - 2 June 2008
MMBZ5258BT-7-F DIODES-MMBZ5258BT-7-F Datasheet
461Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. 9 - 2
MMBZ5258BTS DIODES-MMBZ5258BTS Datasheet
62Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 4 - 2
MMBZ5258BTS DIODES-MMBZ5258BTS Datasheet
91Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 10 - 2
More results

Similar Description - MMBZ5258BT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BT DIODES-MMBZ5221BT_1 Datasheet
461Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. 9 - 2
MMBZ5221BT DIODES-MMBZ5221BT_08 Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 11 - 2 June 2008
BZX84C2V4T DIODES-BZX84C2V4T_15 Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
BZX84C5V6TQ DIODES-BZX84C5V6TQ Datasheet
585Kb / 5P
   150mW SURFACE MOUNT ZENER DIODE
January 2023 Rev. 1 - 2
BZX84C2V4T DIODES-BZX84C2V4T_08 Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 10 - 2 May 2008
MMBZ5221BT DIODES-MMBZ5221BT_15 Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
BZX84C2V4T DIODES-BZX84C2V4T_1 Datasheet
372Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30262 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
TSZU52C2V4 TSC-TSZU52C2V4 Datasheet
111Kb / 4P
   150mW SMD Zener Diode
logo
E-CMOS Corporation
ECCZD5Z2V4 E-CMOS-ECCZD5Z2V4 Datasheet
316Kb / 6P
   150mW Surface Mount Zener Diodes-2.4V-75V
logo
Taiwan Semiconductor Co...
TSZU52C2 TSC-TSZU52C2 Datasheet
82Kb / 4P
   150mW SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com