Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP4411Q8 Datasheet(PDF) 8 Page - Cystech Electonics Corp.

Part # MTP4411Q8
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP4411Q8 Datasheet(HTML) 8 Page - Cystech Electonics Corp.

  MTP4411Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTP4411Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTP4411Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTP4411Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTP4411Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTP4411Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTP4411Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTP4411Q8 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C386Q8
Issued Date : 2007.06.08
Revised Date : 2011.12.07
Page No. : 8/8
MTP4411Q8
CYStek Product Specification
SOP-8 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
8-Lead SOP-8 Plastic Package
CYStek Package Code: Q8
Marking:
Top View
A
B
Front View
F
C
D
E
G
Part A
I
H
J
K
O
M
L
N
Right side View
Part A
Date Code
Device Name
4411
□□□□
DIM
Min.
Max.
Min.
Max.
A
0.1890
0.2007
4.80
5.10
I
0.0098 REF
0.25 REF
B
0.1496
0.1654
3.80
4.20
J
0.0118
0.0354
0.30
0.90
C
0.2283
0.2441
5.80
6.20
K
0.0074
0.0098
0.19
0.25
D
0.0480
0.0519
1.22
1.32
L
0.0145
0.0204
0.37
0.52
E
0.0138
0.0193
0.35
0.49
M
0.0118
0.0197
0.30
0.50
F
0.1472
0.1527
3.74
3.88
N
0.0031
0.0051
0.08
0.13
G
0.0531
0.0689
1.35
1.75
O
0.0000
0.0059
0.00
0.15
H
0.1889
0.2007
4.80
5.10
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - MTP4411Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTP4411AQ8 CYSTEKEC-MTP4411AQ8 Datasheet
303Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTP4411AQ8 DOINGTER-MTP4411AQ8 Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
logo
Cystech Electonics Corp...
MTP4411M3 CYSTEKEC-MTP4411M3 Datasheet
288Kb / 8P
   -30V P-CHANNEL Enhancement Mode MOSFET
More results

Similar Description - MTP4411Q8

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com