Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

211X1-DSH-001-I Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # 211X1-DSH-001-I
Description  72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

211X1-DSH-001-I Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button 211X1-DSH-001-I Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. 211X1-DSH-001-I Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. 211X1-DSH-001-I Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. 211X1-DSH-001-I Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. 211X1-DSH-001-I Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. 211X1-DSH-001-I Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. 211X1-DSH-001-I Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. 211X1-DSH-001-I Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. 211X1-DSH-001-I Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
211x1-DSH-001-I
Mindspeed Technologies
®
11
Mindspeed Proprietary and Confidential
2.0 Package Outline Drawing and
Pin Descriptions
2.1
Package Outline Drawing
2.1.1
M21131 and M21151 Packaging Drawing (-12/-13/-14)
Figure 2-1 illustrates the M21131/M21151 (-12/-13/-14) overall package dimensions and a cross sectional view,
Figure 2-2 is a bottom view of the package with ball assignments. The substrate thickness is 2.03 millimeters. All
dimensions are in millimeters. The ball count is 1156, the width of each ball is 0.60 millimeters, and the ball pitch
from center to center is 1.00 millimeters.
Figure 2-1.
M21131/M21151 (-12/-13/-14) Package Outline Top View and Cross Sectional View (in mm)
(heat spreader)


Similar Part No. - 211X1-DSH-001-I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
211XG25 ETC2-211XG25 Datasheet
4Mb / 122P
   E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
211XK ETC2-211XK Datasheet
4Mb / 122P
   E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
211XM ETC2-211XM Datasheet
4Mb / 122P
   E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
More results

Similar Description - 211X1-DSH-001-I

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21131 MA-COM-M21131 Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch with Amplif-EYE Signal Conditioning
logo
Vitesse Semiconductor C...
VSC3140 VITESSE-VSC3140 Datasheet
165Kb / 2P
   3.6Gb/s 144x144 Asynchronous Crosspoint Switch
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
AD8152 AD-AD8152 Datasheet
1Mb / 32P
   34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
logo
M/A-COM Technology Solu...
M21170 MA-COM-M21170 Datasheet
905Kb / 2P
   3.2 Gbps 288x288 Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC3172 VITESSE-VSC3172 Datasheet
463Kb / 2P
   6.5 Gbps 72 횞 72 Asynchronous Crosspoint Switch
VSC3040 VITESSE-VSC3040 Datasheet
561Kb / 2P
   11 Gbps 144 횞 144 Asynchronous Crosspoint Switch
VSC3139 VITESSE-VSC3139 Datasheet
1Mb / 2P
   4.2 Gbps 72 x 72 Asynchronous Crosspoint Switch
VSC3144 VITESSE-VSC3144 Datasheet
466Kb / 2P
   6.5 Gbps 144 횞 144 Asynchronous Crosspoint Switch
logo
Analog Devices
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
   4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com