Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTS3572G6 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTS3572G6
Description  N- AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTS3572G6 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTS3572G6 Datasheet HTML 1Page - Cystech Electonics Corp. MTS3572G6 Datasheet HTML 2Page - Cystech Electonics Corp. MTS3572G6 Datasheet HTML 3Page - Cystech Electonics Corp. MTS3572G6 Datasheet HTML 4Page - Cystech Electonics Corp. MTS3572G6 Datasheet HTML 5Page - Cystech Electonics Corp. MTS3572G6 Datasheet HTML 6Page - Cystech Electonics Corp. MTS3572G6 Datasheet HTML 7Page - Cystech Electonics Corp. MTS3572G6 Datasheet HTML 8Page - Cystech Electonics Corp. MTS3572G6 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C778G6
Issued Date : 2012.02.10
Revised Date : 2012.10.09
Page No. : 2/9
MTS3572G6
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Limits
Parameter
Symbol
N-channel
P-channel
Unit
Drain-Source Breakdown Voltage
BVDSS
60
-20
V
Gate-Source Voltage
VGS
±
20
±
12
V
Continuous Drain Current @TA=25
°C (Note 1)
ID
0.3
-4.3
A
Continuous Drain Current @TA=70
°C (Note 1)
ID
0.24
-3.4
A
Pulsed Drain Current (Note 2)
IDM
0.8
-20
A
Pd
1.14
W
Total Power Dissipation (Note 1)
Linear Derating Factor
0.01
W /
°C
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
°C
Thermal Resistance, Junction-to-Ambient (Note 1)
Rth,ja
110
°C/W
Note : 1.Surface mounted on 1 in² copper pad of FR-4 board, t≤5 sec; 180
°C/W when mounted on minimum copper pad
2.
Pulse width limited by maximum junction temperature
N-Channel Electrical Characteristics (Tj=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
60
-
-
V
VGS=0, ID=250μA
VGS(th)
1.0
-
2.5
V
VDS=VGS, ID=250μA
IGSS
-
-
±10
VGS=±20V, VDS=0
-
-
1
VDS=60V, VGS=0
IDSS
-
-
10
μA
VDS=48V, VGS=0, Tj=70
°C
-
1.5
2.5
ID=300mA, VGS=10V
-
1.9
3
ID=100mA, VGS=4.5V
*RDS(ON)
-
3.3
6
Ω
ID=10mA, VGS=2.5V
*GFS
100
240
-
mS
VDS=10V, ID=100mA
Dynamic
Ciss
-
30.6
-
Coss
-
5.5
-
Crss
-
4
-
pF
VDS=10V, VGS=0, f=1MHz
*td(ON)
-
2.6
-
*tr
-
7.1
-
*td(OFF)
-
8.6
-
*tf
-
15
-
ns
VDS=30V, ID=100mA, VGS=5V, RG=25Ω
*Qg
-
0.7
-
*Qgs
-
0.3
-
*Qgd
-
0.1
-
nC
VDS=30V, ID=0.3A, VGS=4.5V
Source-Drain Diode
*IS
-
-
0.3
*ISM
-
-
0.8
A
*VSD
-
-
1.2
V
VGS=0V, IS=100mA
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


Similar Part No. - MTS3572G6

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
MTS-11-10 LORLIN-MTS-11-10 Datasheet
560Kb / 2P
   MT SUBMINIATURE ROTARY SWITCH
logo
Mini-Circuits
MTS-18-12B MINI-MTS-18-12B Datasheet
327Kb / 2P
   Transfer Switch
MTS-18-12B++ MINI-MTS-18-12B+ Datasheet
327Kb / 2P
   Transfer Switch
MTS-18B MINI-MTS-18B Datasheet
102Kb / 1P
   15 Million cycles MTS-18B Transfer Switch DC to 18 GHz
MTS-18XL-B MINI-MTS-18XL-B Datasheet
308Kb / 2P
   Transfer Switch
More results

Similar Description - MTS3572G6

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com