Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M21428 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # M21428
Description  HD/SD and 3G/HD/SD-SDI Cable Drivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21428 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button M21428 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21428 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21428 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21428 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21428 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21428 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21428 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M21428 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M21428 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Functional Description
214x8-DSH-001-E
Mindspeed Technologies
®
9
Mindspeed Proprietary and Confidential
1.2.3
M21418/M21428 Pin List
Table 1-2.
Interface Pins
Pin Name
Pin #
Function
Default
Type
RSET
5
Input control signal for setting the single-ended output swing amplitude.
Higher output swing levels or reduced variations with a ±1% tolerance external
resistor.
For 800mVp–p single-ended, a 750
Ω ±1% resistor to AVDD is recommended.
Analog Input
Table 1-3.
Power Pins
Pin Name
Pin #
Function
Type
AVSS
3, 8, 15
Chip Ground
Power
AVDD
2, 7
Positive Supply
Power
NC
4
Not Connected. Leave these pins floating. Do not connect to any supply, ground or logic level.
NC
Table 1-4.
High-speed Signal Pins
Pin Name
Pin #
Function
Default
Type
DDI/DDI
16, 1
Non-inverting and Inverting serial externally terminated inputs.
I—High-speed
SDO2/SDO2
11, 10
Non-inverting and inverting serial unterminated data outputs to coaxial cable.
O—High-speed
SDO1/SDO1
13, 12
Non-inverting and inverting serial unterminated data outputs to coaxial cable.
O—High-speed
Table 1-5.
Control Pins
Pin Name
Pin #
Function
Default
Type
MUTE2
6
A high mutes SDO2/SDO2 outputs, low enables SDO2/SDO2.
Pull-up
I—CMOS
MUTE1
14
A high mutes SDO1/SDO1 outputs, low enables SDO1, SDO1.
Pull-down
I—CMOS
SD/HD
9
Input control signal to change the output slew rate.
SD/HD = High: Slow output slew rate for SD-SDI rate (143–540 Mbps).
SD/HD = Low: Fast output slew rate for HD and 3G-SDI rate.
Pull-up
I—CMOS
NOTES:
Internal pull-ups/pull-downs are 100 k
Ω.


Similar Part No. - M21428

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
M21428 MA-COM-M21428 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
More results

Similar Description - M21428

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
212X8-DSH-001-B MA-COM-212X8-DSH-001-B Datasheet
332Kb / 18P
   SD and HD/SD-SDI Digital Video Cable Drivers
logo
Semtech Corporation
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
   3G, HD, SD SDI Receiver
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21404-13 MA-COM-M21404-13 Datasheet
465Kb / 20P
   SD, HD, and 3G Cable Equalizers
214X4-DSH-001-D MA-COM-214X4-DSH-001-D Datasheet
262Kb / 20P
   SD, HD, and 3G Cable Equalizers
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com